Electronic Components Datasheet Search
  English  ▼

X  

ADATE305BSVZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADATE305BSVZ
Description  250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE305BSVZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADATE305BSVZ Datasheet HTML 35Page - Analog Devices ADATE305BSVZ Datasheet HTML 36Page - Analog Devices ADATE305BSVZ Datasheet HTML 37Page - Analog Devices ADATE305BSVZ Datasheet HTML 38Page - Analog Devices ADATE305BSVZ Datasheet HTML 39Page - Analog Devices ADATE305BSVZ Datasheet HTML 40Page - Analog Devices ADATE305BSVZ Datasheet HTML 41Page - Analog Devices ADATE305BSVZ Datasheet HTML 42Page - Analog Devices ADATE305BSVZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
ADATE305
Rev. 0 | Page 39 of 56
REGISTER MAP
The ADDR[4:0] bits determine the destination register of the data being written to the ADATE305.
Table 20. Register Selection
DATA[15:0]
CH[1:0]
R/W
ADDR[4:0]
Register Selected
Reset State
N/A1
N/A
N/A
0x00
NOP
N/A
DATA[13:0]
CH[1:0]
R/W
0x01
VH DAC level
4096d
DATA[13:0]
CH[1:0]
R/W
0x02
VL DAC level
4096d
DATA[13:0]
CH[1:0]
R/W
0x03
VT/VCOM DAC level
4096d
DATA[13:0]
CH[1:0]
R/W
0x04
VOL DAC level
4096d
DATA[13:0]
CH[1:0]
R/W
0x05
VOH DAC level
4096d
DATA[13:0]
CH[1:0]
R/W
0x06
VCH DAC level
4096d
DATA[13:0]
CH[1:0]
R/W
0x07
VCL DAC level
4096d
DATA[13:0]
CH[1:0]
R/W
0x08
V(IOH ) DAC level
4096d
DATA[13:0]
CH[1:0]
R/W
0x09
V(IOL ) DAC level
4096d
DATA[13:0]
CH[1]
R/W
0x0A
OVD high level
4096d
DATA[13:0]
CH[0]
R/W
0x0A
OVD low level
4096d
DATA[15:0]
CH[1:0]
R/W
0x0B
PMUDAC level
16384d
DATA[2:0]
CH[1:0]
R/W
0x0C
PE/PMU enable
000b
DATA[2:0]
CH[1:0]
R/W
0x0D
Channel state
000b
DATA[9:0]
CH[1:0]
R/W
0x0E
PMU state
0d
DATA[2:0]
CH[1:0]
R/W
0x0F
PMU measure enable
000b
DATA[0]
CH[1:0]
R/W
0x10
Differential comparator enable
0b
DATA[1:0]
CH[1:0]
R/W
0x11
16-bit DAC monitor
00b
DATA[1:0]
CH[1:0]
R/W
0x12
OVD_CHx alarm mask
01b
DATA[2:0]
CH[1:0]
R
0x13
OVD_CHx alarm state
N/A
N/A
N/A
N/A
0x14 to 0x1F
Reserved
N/A
1 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com