Electronic Components Datasheet Search
  English  ▼

X  

ADUM5000 Datasheet(PDF) 13 Page - Analog Devices

Part # ADUM5000
Description  Isolated DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5000 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADUM5000 Datasheet HTML 8Page - Analog Devices ADUM5000 Datasheet HTML 9Page - Analog Devices ADUM5000 Datasheet HTML 10Page - Analog Devices ADUM5000 Datasheet HTML 11Page - Analog Devices ADUM5000 Datasheet HTML 12Page - Analog Devices ADUM5000 Datasheet HTML 13Page - Analog Devices ADUM5000 Datasheet HTML 14Page - Analog Devices ADUM5000 Datasheet HTML 15Page - Analog Devices ADUM5000 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADuM5000
Rev. 0 | Page 13 of 16
derating the output current. However, following the recommen-
dations in the PCB Layout section decreases the thermal resistance
to the PCB allowing increased thermal margin at high ambient
temperatures.
CURRENT LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADuM5000 is protected against damage due to excessive
power dissipation by thermal overload protection circuits. Thermal
overload protection limits the junction temperature to a maximum
of 150°C (typical). Under extreme conditions (that is, high am-
bient temperature and power dissipation), when the junction
temperature starts to rise above 150°C, the PWM is turned off,
reducing the output current to zero. When the junction temper-
ature drops below 130°C (typical), the PWM turns on again,
restoring the output current to its nominal value.
Consider the case where a hard short from VISO to ground
occurs. At first, the ADuM5000 reaches its maximum current,
which is proportional to the voltage applied at VDD1. Power
dissipates on the primary side of the converter (see Figure 7). If
self-heating of the junction becomes great enough to cause its
temperature to rise above 150°C, thermal shutdown activates,
turning off the PWM and reducing the output current to zero.
As the junction temperature cools and drops below 130°C, the
PWM turns on and power dissipates again on the primary side
of the converter, causing the junction temperature to rise to
150°C again. This thermal oscillation between 130°C and 150°C
causes the part to cycle on and off as long as the short remains
at the output.
Thermal limit protections are intended to protect the device
against accidental overload conditions. For reliable operation,
externally limit device power dissipation to prevent junction
temperatures from exceeding 130°C.
POWER CONSIDERATIONS
The ADuM5000 converter primary side is protected from pre-
mature operation by undervoltage lockout (UVLO) circuitry.
Below the minimum operating voltage, the power converter
holds its oscillator inactive.
When the primary side oscillator begins to operate, it transfers
power to the secondary power circuits. The secondary VISO voltage
starts below its UVLO limit making it inactive and unable to
generate a regulation control signal. The primary side power
oscillator is allowed to free run under this condition, supplying
the maximum amount of power to the secondary. As the sec-
ondary voltage rises to its regulation setpoint, a large inrush
current transient is present at VDD1. When the regulation point
is reached, the regulation control circuit produces the regulation
control signal that modulates the oscillator on the primary side.
The VDD1 current is then reduced and is proportional to the load
current. The inrush current is less than the short-circuit current
shown in Figure 7. The duration of the inrush depends on the
VISO loading conditions and the current and voltage available at
the VDD1 pin.
INCREASING AVAILABLE POWER
The ADuM5000 device is designed with the capability of
running in combination with other compatible isoPower devices.
The RCOUT, RCIN, and RCSEL pins allow the ADuM5000 to
provide its PWM signal to another device through the RCOUT
pin acting as a master. It can also receive a PWM signal from
another device through the RCIN pin and act as a slave to that
control signal. The RCSEL pin chooses whether the part acts as
a master or slave device. When the ADuM5000 is acting as a
slave, its power is regulated by the master device allowing mul-
tiple isoPower parts to be combined in parallel while sharing the
load equally. When the ADuM5000 is configured as a master/
standalone unit, it generates its own PWM feedback signal to
regulate itself and slave devices.
The ADuM5000 can act as a master or a slave device, the
ADuM5401 through the ADuM5404 devices can only serve as
master/standalone, and the ADuM520x can only be a
slave/standalone device. This means that the ADuM5000,
ADuM520x, and ADuM5401, ADuM5402, ADuM5403, and
ADuM5404 can only be used in certain master slave
combinations as listed in Table 14.
Table 14. Allowed Combinations of isoPower Parts
Master
Slave
ADuM5000
ADuM520x
ADuM5401 to
ADuM5404
ADuM5000
Yes
Yes
No
ADuM520x
No
No
No
ADuM5401 to
ADuM5404
Yes
Yes
No
The allowed combinations of master and slave configured parts
listed in Table 14 is sufficient for any combination of power and
channel count. Table 15 illustrates how isoPower devices can pro-
vide many combinations of data channel count and multiples of
the single unit power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com