Electronic Components Datasheet Search
  English  ▼

X  

ADV3002 Datasheet(PDF) 3 Page - Analog Devices

Part # ADV3002
Description  4:1 HDMI/DVI Switch with Equalization, DDC/CEC Buffers and EDID Replication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3002 Datasheet(HTML) 3 Page - Analog Devices

  ADV3002 Datasheet HTML 1Page - Analog Devices ADV3002 Datasheet HTML 2Page - Analog Devices ADV3002 Datasheet HTML 3Page - Analog Devices ADV3002 Datasheet HTML 4Page - Analog Devices ADV3002 Datasheet HTML 5Page - Analog Devices ADV3002 Datasheet HTML 6Page - Analog Devices ADV3002 Datasheet HTML 7Page - Analog Devices ADV3002 Datasheet HTML 8Page - Analog Devices ADV3002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADV3002
Rev. 0 | Page 3 of 28
SPECIFICATIONS
TA = 27°C, AVCC = 3.3 V, AMUXVCC = 5 V, AVEE = 0 V, data rate = 2.25 Gbps, differential input swing = 1000 mV, TMDS outputs
terminated with external 50 Ω resistors to 3.3 V, unless otherwise noted.
TMDS PERFORMANCE SPECIFICATIONS
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Data Rate (DR) per Channel
NRZ
2.25
Gbps
Maximum Clock Rate
225
MHz
Bit Error Rate (BER)
PRBS 223 − 1
10−9
Added Data Jitter
DR ≤ 2.25 Gbps, PRBS 27 − 1
40
ps p-p
Added Clock Jitter
1
ps rms
Differential Intrapair Skew
At output
1
ps
Differential Interpair Skew
At output
35
ps
EQUALIZATION PERFORMANCE
High Frequency Gain
Boost frequency = 1.125 GHz
18
dB
INPUT CHARACTERISTICS
Input Voltage Swing
Differential
150
1200
mV
Input Common-Mode Voltage (VICM)
AVCC − 800
AVCC
mV
OUTPUT CHARACTERISTICS
High Voltage Level
Single-ended high speed channel
AVCC − 200
AVCC + 10
mV
Low Voltage Level
Single-ended high speed channel
AVCC − 600
AVCC − 400
mV
Rise/fall time (20% to 80%)
DR = 2.25 Gbps
75
190
ps
TERMINATION
Input Termination Resistance
Single-ended
50
Ω
Output Termination Resistance
Single-ended
50
Ω
LOSS OF SIGNAL (LOS) DETECT
Frequency Cutoff
LOS_FC (see Figure 27)
5
MHz
Amplitude Threshold
Clock rate = 225 MHz, LOS_THR = 00
(see Figure 27)
35
mV
AUXILIARY CHANNEL PERFORMANCE SPECIFICATIONS
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DDC CHANNELS
Input Capacitance, CAUX
DC bias = 2.5 V, ac voltage = 3.5 V p-p, f = 100 kHz
5
15
pF
Input Low Voltage, VIL
0.5
V
Input High Voltage, VIH
0.7 × AMUXVCC
V
Output Low Voltage, VOL
IOL = 5 mA
0.25
0.4
V
Rise Time
10% to 90%, CLOAD = 50 pF, RPULL-UP = 2 kΩ
1.45
µs
Fall Time
90% to 10%, CLOAD = 50 pF, RPULL-UP = 2 kΩ
20
250
ns
Leakage
VIN = 5.0 V
10
µA
CEC CHANNEL
Input Capacitance, CAUX
DC bias = 1.65 V, ac voltage = 2.5 V p-p, f = 100 kHz
5
15
pF
Input Low Voltage, VIL
0.8
V
Input High Voltage, VIH
2.0
V
Output Low Voltage, VOL
IOL = 3 mA
0.1
0.6
V
Output High Voltage, VOH
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com