Electronic Components Datasheet Search
  English  ▼

X  

ADV3200 Datasheet(PDF) 13 Page - Analog Devices

Part # ADV3200
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3200 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV3200 Datasheet HTML 9Page - Analog Devices ADV3200 Datasheet HTML 10Page - Analog Devices ADV3200 Datasheet HTML 11Page - Analog Devices ADV3200 Datasheet HTML 12Page - Analog Devices ADV3200 Datasheet HTML 13Page - Analog Devices ADV3200 Datasheet HTML 14Page - Analog Devices ADV3200 Datasheet HTML 15Page - Analog Devices ADV3200 Datasheet HTML 16Page - Analog Devices ADV3200 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 13 of
36
TYPICAL PERFORMANCE CHARACTERISTICS
ADV3200
VS = ±2.5 V at TA = 25°C, RL = 150 Ω.
2
0
–2
–4
–6
–8
–10
–12
1
10
100
1k
FREQUENCY (MHz)
INxx
OSDxx
Figure 17. ADV3200 Small Signal Frequency Response, 200 mV p-p
2
0
–2
–4
–6
–8
–10
–12
1
10
100
1k
FREQUENCY (MHz)
INxx
OSDxx
Figure 18. ADV3200 Large Signal Frequency Response, 2 V p-p
2
4
0
–2
–4
–6
–8
–10
1
10
100
1k
FREQUENCY (MHz)
0pF
10pF
2pF
5pF
Figure 19. ADV3200 Small Signal Frequency Response with Capacitive Loads,
200 mV p-p
1
2
0
–1
–2
–3
–4
1
10
100
1k
FREQUENCY (MHz)
0pF
10pF
2pF
5pF
Figure 20. ADV3200 Large Signal Frequency Response with Capacitive Loads,
2 V p-p
2
4
0
–2
–4
–6
–8
–10
1
10
100
1k
FREQUENCY (MHz)
0pF
10pF
2pF
5pF
Figure 21. ADV3200 OSD Small Signal Frequency Response
with Capacitive Loads, 200 mV p-p
1
2
0
–1
–2
–3
–4
1
10
100
1k
FREQUENCY (MHz)
0pF
10pF
2pF
5pF
Figure 22. ADV3200 OSD Large Signal Frequency Response with Capacitive
Loads, 2 V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com