Electronic Components Datasheet Search
  English  ▼

X  

ADV3202ASWZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADV3202ASWZ
Description  300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3202ASWZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV3202ASWZ Datasheet HTML 3Page - Analog Devices ADV3202ASWZ Datasheet HTML 4Page - Analog Devices ADV3202ASWZ Datasheet HTML 5Page - Analog Devices ADV3202ASWZ Datasheet HTML 6Page - Analog Devices ADV3202ASWZ Datasheet HTML 7Page - Analog Devices ADV3202ASWZ Datasheet HTML 8Page - Analog Devices ADV3202ASWZ Datasheet HTML 9Page - Analog Devices ADV3202ASWZ Datasheet HTML 10Page - Analog Devices ADV3202ASWZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADV3202/ADV3203
Rev. 0 | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
1
DVCC
2
NC
3
4
CLK
5
DATA IN
6
DATA OUT
7
8
9
DGND
10
IN00
11
DGND
12
IN01
13
DGND
14
IN02
15
DGND
16
IN03
17
DGND
18
IN04
19
DGND
20
IN05
21
DGND
22
IN06
23
DGND
24
IN07
25
DGND
26
IN08
27
DGND
28
IN09
29
DGND
30
IN10
31
DGND
32
IN11
33
DGND
34
IN12
35
DGND
36
IN13
37
DGND
38
IN14
39
DGND
40
IN15
41
VNEG
42
VREF
43
VCLAMP
44
OSD15
89
VNEG
90
OSD03
91
OSD02
92
OSD01
93
OSD00
94
VPOS
95
IN31
96
OSDS15
97
IN30
98
OSDS14
99
IN29
100
OSDS13
101
IN28
102
OSDS12
103
IN27
104
OSDS11
105
IN26
106
OSDS10
107
IN25
108
OSDS09
109
IN24
110
OSDS08
111
IN23
112
OSDS07
113
IN22
114
OSDS06
115
IN21
116
OSDS05
117
IN20
118
OSDS04
119
IN19
120
OSDS03
121
IN18
122
OSDS02
123
IN17
124
OSDS01
125
IN16
126
OSDS00
127
NC
128
NC
129
NC
130
NC
131
NC
132
VNEG
ADV3202/ADV3203
TOP VIEW
(Not to Scale)
RESET
UPDATE
CS
NOTES
1. NC = NO CONNECT
2. OSDS#: OSD SELECT FOR OUTPUT #
OSD#: OSD VIDEO INPUT FOR OUTPUT #
3. THE EXPOSED PAD SHOULD BE
CONNECTED TO ANALOG GROUND.
Figure 4. Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com