Electronic Components Datasheet Search
  English  ▼

X  

FN07090 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # FN07090
Description  HIGH FREQUENCY CRYSTAL FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

FN07090 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  FN07090 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 1460 230000 Fax: +44 1460 230001 email: info@euroquartz.co.uk web: www.euroquartz.co.uk
CUSTOM FILTERS
filters
SPECIMEN SPECIFICATION
HIGH FREQUENCY CRYSTAL FILTER
Specification FN07090
SPECIFICATION
Centre Frequency:
150MHz to 175MHz
3dB Band:
±7.5kHz minimum
25dB Band:
±25kHz typical
40dB Band:
±35kHz typical
60dB Band:
±50kHz typical
Ultimate Attenuation:
60dB
Insertion Loss:
6dB maximum
Terminations:
50 Ohm
Poles:
4
Temperature Range:
-20° to +70°C
Spurious:
40dB minimum (HF band)
PACKAGE OUTLINE AND DIMENSIONS
Connectors BNC sockets (or specify alternative)
Outside dimensions are maximum.
This specimen specification is taken from a design produced to meet a
customer’s design brief. Contact Euroquartz Filters for your particular
custom filter requirements.


Similar Part No. - FN07090

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
FN07350 EUROQUARTZ-FN07350 Datasheet
56Kb / 1P
High Frequency Crystal Filter - Narrow Band
FN07351 EUROQUARTZ-FN07351 Datasheet
56Kb / 1P
High Frequency Crystal Filter - Narrow Band
FN07352 EUROQUARTZ-FN07352 Datasheet
56Kb / 1P
High Frequency Crystal Filter - Narrow Band
FN07353 EUROQUARTZ-FN07353 Datasheet
56Kb / 1P
High Frequency Crystal Filter - Narrow Band
FN07354 EUROQUARTZ-FN07354 Datasheet
56Kb / 1P
High Frequency Crystal Filter - Narrow Band
More results

Similar Description - FN07090

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-636 ETC1-SG-636 Datasheet
68Kb / 2P
HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Golledge Electronics Lt...
GCX39 GOLLEDGE-GCX39 Datasheet
58Kb / 1P
High Frequency Cylindrical Crystal
GSX2F GOLLEDGE-GSX2F Datasheet
57Kb / 1P
SM Crystal High Frequency Fundamental
logo
Epson Company
SG-615 EPSON-SG-615 Datasheet
70Kb / 2P
SOJ HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Cypress Semiconductor
CY25702 CYPRESS-CY25702_09 Datasheet
220Kb / 6P
Programmable High-Frequency Crystal Oscillator
logo
Golledge Electronics Lt...
GSX-530 GOLLEDGE-GSX-530 Datasheet
167Kb / 2P
SM Crystal - High Frequency
logo
CRYSTEK CORPORATION
CCO-983 CRYSTEKMICROWAVE-CCO-983 Datasheet
158Kb / 2P
high frequency sinewave crystal oscillator
logo
EUROQUARTZ limited
FN7350 EUROQUARTZ-FN7350 Datasheet
56Kb / 1P
High Frequency Crystal Filter - Narrow Band
FN07360 EUROQUARTZ-FN07360 Datasheet
57Kb / 1P
High Frequency Crystal Filter - Narrow Band
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com