Electronic Components Datasheet Search
  English  ▼

X  

SSM2335 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2335
Description  Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2335 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2335 Datasheet HTML 4Page - Analog Devices SSM2335 Datasheet HTML 5Page - Analog Devices SSM2335 Datasheet HTML 6Page - Analog Devices SSM2335 Datasheet HTML 7Page - Analog Devices SSM2335 Datasheet HTML 8Page - Analog Devices SSM2335 Datasheet HTML 9Page - Analog Devices SSM2335 Datasheet HTML 10Page - Analog Devices SSM2335 Datasheet HTML 11Page - Analog Devices SSM2335 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SSM2335
Rev. 0 | Page 8 of
16
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
10%
1%
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.5
4.0
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
NO LOAD
RL = 3Ω, 33µH
GAIN = 18dB
f = 1kHz
RL = 4Ω, 33µH
RL = 8Ω, 33µH
RL = 3Ω, 33µH
SUPPLY VOLTAGE (V)
Figure 15. Supply Current vs. Supply Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10%
1%
SUPPLY VOLTAGE (V)
RL = 8Ω, 33µH
GAIN = 18dB
f = 1kHz
0
0.5
Figure 16. Maximum Output Power vs. Supply Voltage, RL = 8 Ω + 33 μH,
Gain = 18 dB
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY VOLTAGE (V)
10%
1%
RL = 4Ω, 33µH
GAIN = 18dB
f = 1kHz
Figure 17. Maximum Output Power vs. Supply Voltage, RL = 4 Ω + 33 μH,
Gain = 18 dB
Figure 18. Maximum Output Power vs. Supply Voltage, RL = 3 Ω + 33 μH,
Gain = 18 dB
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VDD = 2.5V
VDD = 3.6V
VDD = 5V
OUTPUT POWER (W)
RL = 8Ω, 33µH
Figure 19. Efficiency vs. Output Power into 8 Ω + 33 μH
VDD = 5V
VDD = 3.6V
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
VDD = 2.5V
0
10
20
30
40
50
60
70
80
90
100
RL = 4Ω, 33µH
OUTPUT POWER (W)
Figure 20. Efficiency vs. Output Power into 4 Ω + 33 μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com