Electronic Components Datasheet Search
  English  ▼

X  

TMP122AMDBVTEP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP122AMDBVTEP
Description  1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP122AMDBVTEP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP122AMDBVTEP Datasheet HTML 5Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 6Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 7Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 8Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 9Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 10Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 11Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 12Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
THERMOSTAT MODE (TM1/TM0)
POLARITY (POL)
FAULT QUEUE (F1/F0)
TMP122-EP
www.ti.com .......................................................................................................................................................................................... SBOS454 – NOVEMBER 2008
The Thermostat Mode bits of the TMP122 indicate to the device whether to operate in Comparator Mode,
Interrupt Mode or Interrupt Comparator Mode. For more information on Comparator and Interrupt Mode, see text
HIGH and LOW limit registers. The bit assignments for thermostat mode are described in Table 7. Power on
default is comparator mode.
Table 7. Mode Settings
TM1
TM0
MODE OF OPERATION
0
0
Comparator mode
0
1
Interrupt mode
1
0
Interrupt comparator mode
1
1
Reserved
The Polarity Bit of the TMP122 adjusts the polarity of the ALERT pin output. By default, POL = 0 and the ALERT
pin will be active LOW, as shown in Figure 8. For POL = 1 the ALERT Pin will be active HIGH, and the state of
the ALERT Pin is inverted.
Figure 8. ALERT Output Transfer Function Diagrams
A fault condition occurs when the measured temperature exceeds the limits set in the THIGH and TLOW registers.
The Fault Queue is provided to prevent a false alert due to environmental noise and requires consecutive fault
measurements to trigger the alert function of the TMP122. Table 8 defines the number of consecutive faults
required to trigger a consecutive alert condition. Power-on default for F1/F0 is 0/0.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TMP122-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com