Electronic Components Datasheet Search
  English  ▼

X  

GF8 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # GF8
Description  8 pin Dual-in-Line
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

GF8 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  GF8 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
VCXO
8 pin Dual-in-Line
GF8 CMOS
PART NUMBERING
Example:
3GF8B-80N-156.25
Supply Voltage
3 = +3.3V
Series Designator
GF8
Stability over temperature range
(See table)
Pullability in ±ppm
Pullability determinator
N = minimum
M = maximum
T = Typical
Frequency in MHz
DESCRIPTION
Frequency range 50.01MHz to 200MHz (15pF load)
Frequency range 50.01MHz to 320MHz (10pF load)
LVCMOS Output
Supply Voltage 3.3 VDC
Ultra low jitter less than 1ps
Frequency Range
Load 15pF:
50.01MHz to 200.0MHz
Load 10pF:
50.01MHz to 320.0MHz
Supply Voltage:
3.3 VDC ±5%
Output Logic:
LVCMOS
Integrated Phase Jitter:
0.4ps typical, 0.5ps maximum
(for 155.250MHz)
Period Jitter RMS:
3.0ps typical (for 155.250MHz)
Period Jitter Peak to peak:
20ps typical (for 155.250MHz)
Phase Noise:
See table below
Initial Frequency Accuracy:
Tune to the nominal frequency
with Vc= 1.65 ±0.2VDC
Output Voltage HIGH (1):
90% Vdd minimum
Output Voltage LOW (0):
10% Vdd maximum
Pulling Range:
From ±30ppm to ±150ppm
Temperature Stability:
See table
Output Load:
15pF
Start-up Time:
10ms maximum, 5ms typical
Duty Cycle:
50% ±5% measured at 50% Vdd
Rise/Fall Times:
0.7ns typical (15pF load)
Current Consumption
<100MHz:
30mA maximum (15pF load)
>100MHz:
40mA maximum (15pF load)
Linearity:
10% maximum, 6% typical
Modulation Bandwidth:
25kHz minimum
Input Impedance:
60kW minimum
Slope Polarity:
Monotonic and Positive. (An
(Transfer function)
increase of control voltage
always increases output
frequency.)
Storage Temperature:
-50° to +100°C
Ageing:
±5ppm per year maximum
Enable/Disable (Tristate):
Not available (4 pad package)
RoHS Status:
Fully compliant
SPECIFICATION
Stability Code
FREQUENCY STABILITY
A
25
0°~+70°C
B
50
0°~+70°C
C
100
0°~+70°C
D
25
-40°~+85°C
E
50
-40°~+85°C
F
100
-40°~+85°C
If non-standard frequency stability is required
Use ‘I’ followed by stability, i.e. I20 for ±20ppm
Stability ±ppm
GF8 VCXOs, are packaged in an industry-standard, 8 pin Dual in Line
package. GF8 VCXOs provide excellent phase jitter performance, less
than 1ps.
Temp. Range
10Hz
-62dBc/Hz
100Hz
-92dBc/Hz
1kHz
-120dBc/Hz
10kHz
-132dBc/Hz
100kHz
-128dBc/Hz
1MHz
-140dBc/Hz
10MHz
-150dBc/Hz
Offset
Frequency 155.25MHz
PHASE NOISE


Similar Part No. - GF8

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
GF8 MERCURY-GF8 Datasheet
105Kb / 1P
Dip type CMOS output
logo
Cooper Bussmann, Inc.
GF800 COOPER-GF800 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
GF800 COOPER-GF800 Datasheet
152Kb / 3P
GF BS88 Centre bolted tags
logo
Shenzhen Luguang Electr...
GF805 LUGUANG-GF805 Datasheet
176Kb / 2P
Super Fast Rectifiers
GF810 LUGUANG-GF810 Datasheet
176Kb / 2P
Super Fast Rectifiers
More results

Similar Description - GF8

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
G8B EUROQUARTZ-G8B Datasheet
203Kb / 1P
8 pin Dual-in-Line
GDW8 EUROQUARTZ-GDW8 Datasheet
88Kb / 1P
8 pin Dual-in-Line VCXO
GV8 EUROQUARTZ-GV8 Datasheet
203Kb / 1P
8 pin Dual-in-Line
GW8 EUROQUARTZ-GW8 Datasheet
203Kb / 1P
8 pin Dual-in-Line
HPA8 EUROQUARTZ-HPA8 Datasheet
215Kb / 1P
8 pin Dual-in-Line
HPF8 EUROQUARTZ-HPF8 Datasheet
215Kb / 1P
8 pin Dual-in-Line
HPW8 EUROQUARTZ-HPW8 Datasheet
215Kb / 1P
8 pin Dual-in-Line
G8 EUROQUARTZ-G8 Datasheet
113Kb / 2P
8 pin Dual-in-Line
GDA8 EUROQUARTZ-GDA8 Datasheet
114Kb / 1P
8 pin Dual-in-Line
HDW8 EUROQUARTZ-HDW8 Datasheet
101Kb / 1P
8 pin Dual-in-Line
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com