Electronic Components Datasheet Search
  English  ▼

X  

ADS7882IPFBT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7882IPFBT
Description  12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7882IPFBT Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS7882IPFBT Datasheet HTML 11Page - Texas Instruments ADS7882IPFBT Datasheet HTML 12Page - Texas Instruments ADS7882IPFBT Datasheet HTML 13Page - Texas Instruments ADS7882IPFBT Datasheet HTML 14Page - Texas Instruments ADS7882IPFBT Datasheet HTML 15Page - Texas Instruments ADS7882IPFBT Datasheet HTML 16Page - Texas Instruments ADS7882IPFBT Datasheet HTML 17Page - Texas Instruments ADS7882IPFBT Datasheet HTML 18Page - Texas Instruments ADS7882IPFBT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
69.0
69.5
70.0
70.5
71.0
71.5
72.0
fIN − Input Frequency − kHz
1
10
100
G009
TA = 25°C
Throughput = 3 MSPS
VA = 5 V
VREF = 2.5 V
−81.0
−80.5
−80.0
−79.5
−79.0
−78.5
−78.0
fIN − Input Frequency − kHz
1
10
100
G010
TA = 25°C
Throughput = 3 MSPS
VA = 5 V
VREF = 2.5 V
TA − Free-Air temperature − °C
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
−40
−20
0
20
40
60
80
G012
Throughput = 3 MSPS
VA = 5 V
VREF = 2.5 V
83.0
83.5
84.0
84.5
85.0
85.5
86.0
86.5
87.0
fIN − Input Frequency − kHz
1
10
100
G011
TA = 25°C
Throughput = 3 MSPS
VA = 5 V
VREF = 2.5 V
ADS7882
www.ti.com ........................................................................................................................................................................................... SLAS630 – DECEMBER 2008
SIGNAL-TO-NOISE RATIO
TOTAL HARMONIC DISTORTION
vs
vs
INPUT FREQUENCY
INPUT FREQUENCY
Figure 21.
Figure 22.
SPURIOUS-FREE DYNAMIC RANGE
OFFSET ERROR
vs
vs
INPUT FREQUENCY
FREE-AIR TEMPERATURE
Figure 23.
Figure 24.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): ADS7882



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com