Electronic Components Datasheet Search
  English  ▼

X  

DS3102 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS3102
Description  Stratum 3 Timing Card IC with Synchronous Ethernet Support
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3102 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS3102_08 Datasheet HTML 17Page - Maxim Integrated Products DS3102_08 Datasheet HTML 18Page - Maxim Integrated Products DS3102_08 Datasheet HTML 19Page - Maxim Integrated Products DS3102_08 Datasheet HTML 20Page - Maxim Integrated Products DS3102_08 Datasheet HTML 21Page - Maxim Integrated Products DS3102_08 Datasheet HTML 22Page - Maxim Integrated Products DS3102_08 Datasheet HTML 23Page - Maxim Integrated Products DS3102_08 Datasheet HTML 24Page - Maxim Integrated Products DS3102_08 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 141 page
background image
____________________________________________________________________________________________ DS3102
Rev: 102808
21 of 141
7.5
Input Clock Monitoring
Each input clock is continuously monitored for frequency accuracy and activity. Frequency monitoring is desribed in
Section 7.5.1, while activity monitoring is described in Sections 7.5.2 and 7.5.3. Any input clock that has a
frequency out-of-band alarm or activity alarm is automatically declared invalid. The valid/invalid state of each input
clock is reported in the corresponding real-time status bit in registers VALSR1 or VALSR2. When the valid/invalid
state of a clock changes, the corresponding latched status bit is set in registers MSR1 or MSR2, and an interrupt
request occurs if the corresponding interrupt enable bit is set in registers IER1 or IER2. Input clocks marked invalid
cannot be automatically selected as the reference for either DPLL. If the T4 DPLL does not have any valid input
clocks available, the T4NOIN status bit is set to 1 in MSR3.
7.5.1 Frequency Monitoring
The DS3102 monitors the frequency of each input clock and invalidates any clock whose frequency is outside
specified limits. Two different monitors are available: the course frequency range monitor and the high-resolution
frequency monitor. The course frequency range monitor can quickly (less than 2ms) determine whether the input
clock frequency is within approximately 10,000ppm of the target frequency. When the frequency range monitor is
enabled by setting MCR1:FREN = 1, input clocks with frequency outside the 10,000ppm limit are very quickly
disqualified.
The high-resolution frequency monitor has two frequency limits that can be specified: a soft limit and a hard limit.
For all input clocks except the T0 DPLL’s selected reference, these limits are specified in the ILIMIT register. For
the T0 DPLL’s selected reference, the limits are specified in the SRLIMIT register. When the frequency of an input
clock is greater than or equal to the soft limit, the corresponding SOFT alarm bit is set to 1 in the ISR registers. The
soft limit is only for monitoring; triggering it does not invalidate the clock. When the frequency of an input clock is
greater than or equal to the hard limit, the corresponding HARD alarm bit is set to 1 in the
4
ISR registers, and the
clock is marked invalid in the VALSR registers. Monitoring according to the hard and soft limits is enabled/disabled
using the HARDEN and SOFTEN bits in the MCR10 register. Both the ILIMIT and SRLIMIT registers have a default
soft limit of
±11.43ppm and a default hard limit of ±15.24ppm. Limits can be set from ±3.81ppm to ±60.96ppm in
3.81ppm steps. Both the SOFT and HARD alarm limits have hysteresis as required by GR-1244. Frequency
monitoring is only done on an input clock when the clock does not have an activity alarm.
Frequency measurements can be done with respect to the internal 204.8MHz master clock or the T0 DPLL internal
frequency, as specified by the FMONCLK bit in MCR10. Measured frequency can be read from any frequency
monitor by specifying the input clock in the FMEASIN field of MCR11 and reading the frequency from the FMEAS
register.
7.5.2 Activity Monitoring
Each input clock is monitored for activity and proper behavior using a leaky bucket accumulator. A leaky bucket
accumulator is similar to an analog integrator: the output amplitude increases in the presence of input events and
gradually decays in the absence of events. When events occur infrequently, the accumulator value decays fully
between events and no alarm is declared. When events occur close enough together, the accumulator increments
faster than it can decay and eventually reaches the alarm threshold. After an alarm has been declared, if events
occur infrequently enough, the accumulator can decay faster than it is incremented and eventually reaches the
alarm clear threshold. The leaky bucket events come from the frequency range and fast activity monitors.
The leaky bucket accumulator for each input clock can be assigned one of four configurations (0 to 3) in the
BUCKET field of the ICR registers. Each leaky bucket configuration has programmable size, alarm declare
threshold, alarm clear threshold, and decay rate, all of which are specified in the LBxy registers.
Activity monitoring is divided into 128ms intervals. The accumulator is incremented once for each 128ms interval in
which the input clock is inactive for more than two cycles (more than four cycles for 155.52MHz, 156.25MHz,
125MHz, 62.5MHz, 25MHz, and 10MHz input clocks). Thus the “fill” rate of the bucket is at most 1 unit per 128ms,
or approximately 8 units/second. During each period of 1, 2, 4, or 8 intervals (programmable), the accumulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com