Electronic Components Datasheet Search
  English  ▼

X  

DS3232 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS3232
Description  Extremely Accurate I2C RTC with Integrated Crystal and SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS3232 Datasheet HTML 1Page - Maxim Integrated Products DS3232 Datasheet HTML 2Page - Maxim Integrated Products DS3232 Datasheet HTML 3Page - Maxim Integrated Products DS3232 Datasheet HTML 4Page - Maxim Integrated Products DS3232 Datasheet HTML 5Page - Maxim Integrated Products DS3232 Datasheet HTML 6Page - Maxim Integrated Products DS3232 Datasheet HTML 7Page - Maxim Integrated Products DS3232 Datasheet HTML 8Page - Maxim Integrated Products DS3232 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Extremely Accurate I2C RTC with
Integrated Crystal and SRAM
4
_____________________________________________________________________
AC ELECTRICAL CHARACTERISTICS
(Active supply (see Table 1) = 2.3V to 5.5V, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Fast mode
100
400
SCL Clock Frequency
fSCL
Standard mode
0.04
100
kHz
Fast mode
1.3
Bus Free Time Between STOP
and START Conditions
tBUF
Standard mode
4.7
µs
Fast mode
0.6
Hold Time (Repeated) START
Condition (Note 6)
tHD:STA
Standard mode
4.0
µs
Fast mode
1.3
25,000
Low Period of SCL Clock
tLOW
Standard mode
4.7
25,000
µs
Fast mode
0.6
High Period of SCL Clock
tHIGH
Standard mode
4.0
µs
Fast mode
0
0.9
Data Hold Time (Notes 7, 8)
tHD:DAT
Standard mode
0
0.9
µs
Fast mode
100
Data Setup Time (Note 9)
tSU:DAT
Standard mode
250
ns
Fast mode
0.6
Start Setup Time
tSU:STA
Standard mode
4.7
µs
Fast mode
300
Rise Time of Both SDA and SCL
Signals (Note 10)
tR
Standard mode
20 +
0.1CB
1000
ns
Fast mode
300
Fall Time of Both SDA and SCL
Signals (Note 10)
tF
Standard mode
20 +
0.1CB
300
ns
Fast mode
0.6
Setup Time for STOP Condition
tSU:STO
Standard mode
4.7
µs
Capacitive Load for Each Bus
Line (Note 10)
CB
400
pF
Capacitance for SDA, SCL
CI/O
10
pF
Pulse Width of Spikes That Must
Be Suppressed by the Input Filter
tSP
30
ns
Pushbutton Debounce
PBDB
250
ms
Interface Timeout
tIF
(Note 11)
25
35
ms
Reset Active Time
tRST
250
ms
Oscillator Stop Flag (OSF) Delay
tOSF
(Note 12)
100
ms
Temperature Conversion Time
tCONV
125
200
ms
POWER-SWITCH CHARACTERISTICS
(TA = -40°C to +85°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Fall Time; VPF(MAX) to
VPF(MIN)
tVCCF
300
µs
VCC Rise Time; VPF(MIN) to
VPF(MAX)
tVCCR
0µs
Recovery at Power-Up
tREC
(Note 13)
125
300
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com