Electronic Components Datasheet Search
  English  ▼

X  

MAX882CSA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX882CSA
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX882CSA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX882CSA Datasheet HTML 1Page - Maxim Integrated Products MAX882CSA Datasheet HTML 2Page - Maxim Integrated Products MAX882CSA Datasheet HTML 3Page - Maxim Integrated Products MAX882CSA Datasheet HTML 4Page - Maxim Integrated Products MAX882CSA Datasheet HTML 5Page - Maxim Integrated Products MAX882CSA Datasheet HTML 6Page - Maxim Integrated Products MAX882CSA Datasheet HTML 7Page - Maxim Integrated Products MAX882CSA Datasheet HTML 8Page - Maxim Integrated Products MAX882CSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 200mA Linear Regulators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 6V (MAX883) or VIN = 4.3V (MAX882/MAX884), COUT = 2.2µF, STBY or OFF = VIN, SET = GND, LBI = VIN, TJ = -40°C to
+85°C, unless otherwise noted. Typical values are at TJ = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (IN or OUT to GND).......................-0.3V to +12V
Output Short-Circuit Duration ...............................................1min
Continuous Output Current ...............................................300mA
LBO Output Current ............................................................50mA
LBO Output Voltage and LBI,
SET, STBY, OFF Input Voltages ............-0.3V to the greater of
(IN + 0.3V) or (OUT + 0.3V)
Continuous Power Dissipation (TJ = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
High-Power SO (derate 18.75mW/°C above +70°C) .......1.5W
CERDIP (derate 8.00mW/°C above +70°C) .................640mW
Operating Temperature Ranges
MAX88_C_A ........................................................0°C to +70°C
MAX88_E_A .....................................................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX88_C_A
2.7
11.5
MAX88_E_A
2.9
11.5
Input Voltage Range
VIN
SET = OUT, RL =
1k
Ω
MAX88_MJA
3.0
11.5
V
IOUT = 100µA - 250mA,
0°C
≤ TJ ≤ +85°C
4.75
5.00
5.25
MAX883,
6.0V
≤ VIN ≤ 11.5V
IOUT = 100µA - 250mA,
-40°C
≤ TJ ≤ +85°C
4.65
5.35
IOUT = 100µA - 200mA,
0°C
≤ TJ ≤ +85°C
3.15
3.30
3.45
Output Voltage (Note 2)
VOUT
MAX882/MAX884,
4.3V
≤ VIN ≤ 11.5V
IOUT = 100µA - 200mA,
-40°C
≤ TJ ≤ +85°C
3.07
3.53
V
MAX883C_A/E_A
60
100
IOUT = 1mA to
200mA
MAX883MJA
150
Load Regulation
ΔVLDR
IOUT = 1mA to
150mA
MAX882, MAX884
30
100
mV
Line Regulation
ΔVLNR
(VOUT + 0.5V) < VIN < 11.5V, IOUT = 10mA
10
40
mV
IOUT = 100mA
110
220
MAX883
IOUT = 200mA
220
440
IOUT = 100mA
160
320
Dropout Voltage (Note 3)
ΔVDO
MAX882/MAX884
IOUT = 200mA
320
640
mV
MAX88_C_A/E_A
11
15
SET = OUT, VIN =
6V
MAX88_MJA
30
MAX88_C_A/E_A
15
25
Quiescent Current
IQ
VIN = 11.5V
MAX88_MJA
40
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com