Electronic Components Datasheet Search
  English  ▼

X  

HFF Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # HFF
Description  QUARTZ CRYSTALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

HFF Datasheet(HTML) 1 Page - EUROQUARTZ limited

  HFF Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Due to the custom-designed nature of High Frequency Fundamental
(HFF) crystals, Euroquartz produce HFF crystals to customer’s
specifications. There is a short lead time from design to production
for these parts. Contact Euroquartz application engineers to discuss
your requirements.
Frequency range:
Mode:
Holder:
Sealing Method:
Frequency adjustment at 25ºC:
Frequency stability over temp.:
Operating Temperature Range:
Storage Temperature Range:
Shunt Capacitance:
Insulation Resistance:
Drive Level:
Motional Capacitance (C1):
Load Capacitance (CL):
C0/C1 Ratio:
Ageing:
35.0MHz to 160MHz .
AT-Cut Fundamental
UM-1
Resistance weld.
±20ppm (Standard)
±10, ±30, ±50ppm
(Option)
From ±20ppm over
-20° to +70°C
0° ~ +70248 (Standard)
-20° to +70°, -40° to +85°C
(Option)
-55° to +125°C
5pF maximum
500M min. at 100VDC
100 W maximum
2fF to 15fF
18pF (Standard)
Series Resonant or >10pF
Customer specified
±3ppm/year
W
m
General Specification
Custom crystal service
To order
Specify frequency, Style (HFF), stability and operating temperature
range code (table below), circuit condition.
To assist ordering and reordering a unique part number can be
allocated for customer designs.
Outline and Dimensions
•
•
•
Fundamental Frequency 35MHz to 160MHz
Low ESR from 15
Ideal for low-noise oscillators
Ω
HFF CRYSTALS
HIGH-FREQUENCY
FUNDAMENTAL
QUARTZ CRYSTALS
HFF CRYSTALS
HIGH-FREQUENCY
FUNDAMENTAL
QUARTZ CRYSTALS
EUROQUARTZ
+44 (0)1460 230000
+44 (0)1460 230001
sales@euroquartz.co.uk
www.euroquartz.co.uk
Telephone:
Fax:
Email:
Web:
GENERAL PRODUCT SPECIFICATION
QUARTZ CRYSTALS
7.8
3.75
3.2
Ø0.35
8.0
12.7 (min.)
Actual Size
Frequency Range
ESR 9
Mode/Cut
35.0MHz to 50.0MHz
15 max.
Fundamental AT
50.0MHz to 100.0MHz
20 max.
Fundamental AT
100.0MHz to 160.0MHz
25 max.
Fundamental AT
Code
Blank
±50ppm
±100ppm
0° to +70°C
A
±50ppm
±100ppm
-20° to +70°C
B
±50ppm
±100ppm
-40° to +85°C
C
±30ppm
±50ppm
0° to +70°C
D
±30ppm
±50ppm
-20° to +70°C
E
±20ppm
±30ppm
0° to +85°C
F
±20ppm
±30ppm
-20° to +70°C
G
±10ppm
±20ppm
-20° to +70°C
Tolerance
@ 25°C
Temperature
Stability
Operating Temp.
Range


Similar Part No. - HFF

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HFF11N60S HUASHAN-HFF11N60S Datasheet
716Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor
HFF2N60 HUASHAN-HFF2N60 Datasheet
234Kb / 5P
N-Channel MOSFET
HFF5N60 HUASHAN-HFF5N60 Datasheet
732Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
HFF630 HUASHAN-HFF630 Datasheet
232Kb / 5P
N-Channel MOSFET
HFF640 HUASHAN-HFF640 Datasheet
233Kb / 5P
N-Channel MOSFET
More results

Similar Description - HFF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT57C VISHAY-XT57C Datasheet
32Kb / 1P
Quartz Crystals
05-Jan-00
logo
List of Unclassifed Man...
HC49153020SR3RDBUT ETC2-HC49153020SR3RDBUT Datasheet
224Kb / 31P
SPECIFYING QUARTZ CRYSTALS
logo
ECS, Inc.
UM-1 ECS-UM-1 Datasheet
455Kb / 1P
QUARTZ CRYSTALS
logo
Vishay Siliconix
XT23 VISHAY-XT23 Datasheet
76Kb / 3P
Quartz Crystals
09-May-11
XT35 VISHAY-XT35 Datasheet
80Kb / 3P
Quartz Crystals
09-May-11
logo
Oscilent Corporation
QC-153 OSCILENT-QC-153 Datasheet
148Kb / 3P
Quartz Crystals
logo
ECS, Inc.
UM-1_UM-5_UM-4R ECS-UM-1_UM-5_UM-4R Datasheet
349Kb / 1P
QUARTZ CRYSTALS
logo
Vishay Siliconix
XT35 VISHAY-XT35_V01 Datasheet
83Kb / 3P
Quartz Crystals
09-May-11
XT23 VISHAY-XT23_V01 Datasheet
76Kb / 3P
Quartz Crystals
11-Jul-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com