Electronic Components Datasheet Search
  English  ▼

X  

MAX882ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX882ESA
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX882ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX882ESA Datasheet HTML 1Page - Maxim Integrated Products MAX882ESA Datasheet HTML 2Page - Maxim Integrated Products MAX882ESA Datasheet HTML 3Page - Maxim Integrated Products MAX882ESA Datasheet HTML 4Page - Maxim Integrated Products MAX882ESA Datasheet HTML 5Page - Maxim Integrated Products MAX882ESA Datasheet HTML 6Page - Maxim Integrated Products MAX882ESA Datasheet HTML 7Page - Maxim Integrated Products MAX882ESA Datasheet HTML 8Page - Maxim Integrated Products MAX882ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 200mA Linear Regulators
4
_______________________________________________________________________________________
Note 1: Electrical specifications are measured by pulse testing and are guaranteed for a junction temperature (TJ) within the operat-
ing temperature range, unless otherwise noted. Specifications to -40°C are guaranteed by design and not production tested.
Note 2: (VIN - VOUT) is limited to keep the product (IOUT x (VIN - VOUT)) from exceeding the package power dissipation limits. See
Figure 5. Therefore, the combination of high output current and high supply voltage is not tested.
Note 3: Dropout Voltage is (VIN - VOUT) when VOUT falls to 100mV below its nominal value at VIN = (VOUT + 2V). For example, the
MAX883 is tested by measuring the VOUT at VIN = 7V, then VIN is lowered until VOUT falls 100mV below the measured value.
The difference (VIN - VOUT) is then measured and defined as
ΔVDO.
Note 4: Since standby mode inhibits the output but keeps all biasing circuitry alive, the Standby Quiescent Current is similar to the
normal operating quiescent current.
Note 5: Foldback Current Limit was characterized by pulse testing to remain below the maximum junction temperature (not
production tested).
Note 6: The Reverse-Current Protection Threshold is the output/input differential voltage (VOUT - VIN) at which reverse-current
protection switchover occurs and the pass transistor is turned off. See the section Reverse-Current Protection in the Detailed
Description.
Note 7: Noise is tested using a bandpass amplifier with two poles at 10Hz and two poles at 10kHz.
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 6V (MAX883) or VIN = 4.3V (MAX882/MAX884), COUT = 2.2µF, STBY or OFF = VIN, SET = GND, LBI = VIN, TJ = -40°C to
+85°C, unless otherwise noted. Typical values are at TJ = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STBY Threshold Voltage
V STBY
STBY signal falling, MAX882_A
1.15
1.20
1.25
V
STBY Hysteresis
ΔV STBY
MAX882_A
7
mV
STBY Input Leakage Current
ISTBY
V STBY = VIN or 0, MAX882_A
±0.01
±50
nA
VIL OFF
In off mode, MAX883_A, MAX884_A
0.4
In on mode, SET = OUT, VIN < 6V,
MAX883_A, MAX884_A
2.0
OFF Threshold Voltage
VIH OFF
In on mode, SET = OUT, 6V < VIN < 11.5V,
MAX883_A, MAX884_A
3.0
V
OFF Input Leakage Current
IOFF
V OFF = VIN or 0
±0.01
±50
nA
Output Noise
en
10Hz to 10kHz, SET = OUT, RL = 1k
Ω,
COUT = 2.2µF (Note 7)
250
µVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com