Electronic Components Datasheet Search
  English  ▼

X  

MAX667 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX667
Description  5V/Programmable Low-Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX667 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX667 Datasheet HTML 1Page - Maxim Integrated Products MAX667 Datasheet HTML 2Page - Maxim Integrated Products MAX667 Datasheet HTML 3Page - Maxim Integrated Products MAX667 Datasheet HTML 4Page - Maxim Integrated Products MAX667 Datasheet HTML 5Page - Maxim Integrated Products MAX667 Datasheet HTML 6Page - Maxim Integrated Products MAX667 Datasheet HTML 7Page - Maxim Integrated Products MAX667 Datasheet HTML 8Page - Maxim Integrated Products MAX667 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
+5V/Programmable Low-Dropout
Voltage Regulator
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Input Supply Voltage ...........................................................+18V
Output Short Circuited to Ground.........................................1sec
LBO Output Sink Current ....................................................50mA
LBO Output Voltage ...............................................GND to VOUT
SHDN Input Voltage ....................................-0.3V to (VIN + 0.3V)
Input Voltages LBI, SET................................-0.3V to (VIN - 1.0V)
Continuous Power Dissipation
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
SO (derate 5.88mW/°C above +70°C) .........................471mW
CERDIP (derate 8.00mW/°C above +70°C) .................640mW
Operating Temperature Ranges
MAX667C_A........................................................0°C to +70°C
MAX667E_A .....................................................-40°C to +85°C
MAX667MJA ..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Note 1: Dropout Voltage is VIN-VOUT when VOUT falls to 0.1V below its value at VIN = VOUT + 2V.
Note 2: Short-Circuit Current is pulse tested to maintain junction temperature. Short-circuit duration is limited by package dissipation.
PARAMETER
Line Regulation
SYMBOL
TA = +25°C
MIN
TYP
MAX
510
TA = TMIN to TMAX
MIN
TYP
MAX
15
20
30
SET Reference Voltage
VSET
50
1.225
20
25
35
0.2
1
1.20
1.25
2
Maximum Output Current
IOUT
250
250
Output Leakage Current
Quiescent Current
IQ
515
20
560
75
IOUT
0.1
1
Short-Circuit Current
Dropout Voltage (Note1)
IOUT
150
250
400
350
Load Regulation
450
50
100
250
Low-Battery Detector
Reference Voltage
VLBI
1.225
1.195
1.255
Low-Battery Detector
Output Voltage
IOUT = 0µA
VLBO
0.25
0.4
VSHDN
Input Voltage
1.5
VIN
1.5
SHDN Leakage Current
3.5
16.5
ISHDN
0.01
±10
±1000
IOUT = 100µA
5
4.8
5.2
0.25
Dropout Detector Output
Voltage
Output Voltage
VDD
3.5
VOUT
5
4.75
5.25
CONDITIONS
VIN = 6V to 10V, IOUT = 10mA
VSHDN = 2V
VIN = 6V, 4.5V < VOUT < 5.5V
IOUT = 200mA
IOUT = 100µA
VSHDN = 2V
(Note 2)
IOUT = 200mA
IOUT = 10mA to 200mA
VIN = 9V, VLBI = 2V, ILBO = 10mA
VIH
VSHDN = 0V to VIN
VSET = 0V, VIN = 6V, IOUT = 10mA,
TA = -40°C to +85°C
VSET = 0V,
VSHDN = 0V,
RDD = 100k
Ω,
IOUT = 10mA
VSET = 0V, VIN = 6V, IOUT = 10mA,
TA = -55°C to +125°C
V
nA
V
V
V
mA
µA
V
mV
mV
mV
mA
µA
mA
V
VSHDN = 0V,
VSET = 0V
V
UNITS
SHDN Threshold
0.3
0.3
VIL
ELECTRICAL CHARACTERISTICS
(GND = 0V, VIN = +9V, VOUT = +5V, C1 = 10µF, unless otherwise noted.)
VIN = 7V
VIN = 4.5V
SET Input Leakage Current
ISET
0.01
±10
±1000
VSET = 1.5V
nA
Low-Battery Detector
Input Leakage Current
ILBI
0.01
±10
±1000
VLBI = 1.5V
nA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com