Electronic Components Datasheet Search
  English  ▼

X  

MAX1318 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1318
Description  8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1318 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1318 Datasheet HTML 1Page - Maxim Integrated Products MAX1318 Datasheet HTML 2Page - Maxim Integrated Products MAX1318 Datasheet HTML 3Page - Maxim Integrated Products MAX1318 Datasheet HTML 4Page - Maxim Integrated Products MAX1318 Datasheet HTML 5Page - Maxim Integrated Products MAX1318 Datasheet HTML 6Page - Maxim Integrated Products MAX1318 Datasheet HTML 7Page - Maxim Integrated Products MAX1318 Datasheet HTML 8Page - Maxim Integrated Products MAX1318 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = +5V, VDVDD = +3V, VAGND = VDGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1µF, CREF+ =
CREF- = 0.1µF, CREF+-to-REF- = 2.2µF || 0.1µF, CCOM = 2.2µF || 0.1µF, CMSV = 2.2µF || 0.1µF (unipolar devices, MAX1316/
MAX1317/MAX1318), MSV = AGND (bipolar devices, MAX1320/MAX1321/MAX1322/MAX1324/MAX1325/MAX1326), fCLK = 10MHz,
50% duty cycle, INTCLK/EXTCLK = AGND (external clock), SHDN = DGND, TA = TMIN to TMAX, unless otherwise noted. Typical val-
ues are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input-Voltage Low
VIL
0.3 x
DVDD
V
Input Hysteresis
15
mV
Input Capacitance
CIN
15
pF
Input Current
IIN
VIN = 0V or DVDD
±1µA
CLOCK-SELECT INPUT (INTCLK/
EXTCLK)
Input-Voltage High
0.7 x
AVDD
V
Input-Voltage Low
0.3 x
AVDD
V
DIGITAL OUTPUTS (D0–D13,
EOC, EOLC)
Output-Voltage High
VOH
ISOURCE = 0.8mA
DVDD -
0.6
V
Output-Voltage Low
VOL
ISINK = 1.6mA
0.4
V
Tri-State Leakage Current
RD
≥ VIH or CS ≥ VIH
0.06
1
µA
Tri-State Output Capacitance
RD
≥ VIH or CS ≥ VIH
15
pF
POWER SUPPLIES
Analog-Supply Voltage
AVDD
4.75
5.25
V
Digital-Supply Voltage
DVDD
2.70
5.25
V
Analog-Supply Current
IAVDD
All channels selected
46
56
mA
Digital-Supply Current
IDVDD
CLOAD = 100pF, all channels selected
(Note 6)
1
1.6
mA
IAVDD
VSHDN = DVDD, VCH = float
10
Shutdown Current (Note 7)
IDVDD
VRD = VWR = DVDD, VSHDN = DVDD
0.1
2
µA
Power-Supply Rejection Ratio
PSRR
AVDD = +4.75V to +5.75V (Note 8)
50
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com