Electronic Components Datasheet Search
  English  ▼

X  

2SC2938 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2SC2938
Description  POWER TRANSISTORS(10A,400V,100W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SC2938 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2SC2938 Datasheet HTML 1Page - Mospec Semiconductor 2SC2938 Datasheet HTML 2Page - Mospec Semiconductor 2SC2938 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2SC2938

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC2938 ISC-2SC2938 Datasheet
318Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC2938

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6383 MOSPEC-2N6383 Datasheet
146Kb / 3P
POWER TRANSISTORS(10A,100W)
2SA1186 MOSPEC-2SA1186 Datasheet
117Kb / 3P
POWER TRANSISTORS(10A,150V,100W)
2SC2625 MOSPEC-2SC2625 Datasheet
129Kb / 3P
POWER TRANSISTORS(10A,400V,80W)
2SC2837 MOSPEC-2SC2837 Datasheet
115Kb / 3P
POWER TRANSISTORS(10A,150V,100W)
2SC3306 MOSPEC-2SC3306 Datasheet
162Kb / 3P
POWER TRANSISTORS(10A,400V,100W)
BUV37 MOSPEC-BUV37 Datasheet
85Kb / 2P
POWER TRANSISTORS(15A,400V,100W)
BUX80 MOSPEC-BUX80 Datasheet
128Kb / 3P
POWER TRANSISTORS(10A,400V,100W)
BUY69A MOSPEC-BUY69A Datasheet
74Kb / 2P
POWER TRANSISTORS(10A,200-400V,100W)
MJ10012 MOSPEC-MJ10012 Datasheet
176Kb / 4P
POWER TRANSISTORS(10A,400V,175W)
MJE13008 MOSPEC-MJE13008 Datasheet
179Kb / 4P
POWER TRANSISTORS(12A,300-400V,100W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com