Electronic Components Datasheet Search
  English  ▼

X  

TSC2008 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2008
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TSC2008 Datasheet HTML 26Page - Texas Instruments TSC2008 Datasheet HTML 27Page - Texas Instruments TSC2008 Datasheet HTML 28Page - Texas Instruments TSC2008 Datasheet HTML 29Page - Texas Instruments TSC2008 Datasheet HTML 30Page - Texas Instruments TSC2008 Datasheet HTML 31Page - Texas Instruments TSC2008 Datasheet HTML 32Page - Texas Instruments TSC2008 Datasheet HTML 33Page - Texas Instruments TSC2008 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Software Reset
1
SCLK
CS
8
1
S
0
0
X
X
X
1
1
SDI
ControlBits
S
ControlBits
8
t
D(RESET)
t
SU(SCLKF-CSR)
t
SU(CSF-SCLK1R)
A2 A1 A0 MODE
SER/
DFR
PD1 PD0
SureSet
0
1
0
0
0
0
0
1
SPILockup
24-BitSureSetSequence
CS
SCLK
SDI
1
0
0
1
Reset NormalOperation
TSC2008
SBAS406A – JUNE 2008 – REVISED DECEMBER 2008 .................................................................................................................................................. www.ti.com
The TSC2008 has a software reset command that can be issued by submitting the 8-bit command '1010 0001'
via the SPI, as shown in Figure 36. This command resets the device to the default configuration. All the settings
in the control byte are reset to default values (see Table 2 and Table 3).
Figure 36. Software Reset Timing
Table 9. Timing Requirements for Figure 36
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
1.2V
≤ VDD < 1.6V
22
ns
tSU(CSF-SCLK1R)
Enable lead time
1.6
≤ VDD < 3.6V
14
ns
1.2V
≤ VDD < 1.6V
50
ns
tSU(SCLKF-CSR)
Enable lag time
1.6
≤ VDD < 3.6V
20
ns
tD(RESET)
Reset period requirement
200
ns
The TSC2008 uses SureSet, a unique reset function. SureSet works in the same way as a hardware reset
except that it does not require a dedicated reset pin on the device. SureSet works independently from the
software reset and power-on reset. For example, the software reset works only after the interface (internal state
machine) is fully functional, whereas SureSet works without the interface. In the unlikely event that the host
becomes out-of-sync with the TSC2008, and forcing CS high does not reset the state machine, the host can
submit a 24-bit sequence (0x06D926) that resets the device to a default state (the same as the power-up state),
as shown in Figure 37. In order to reset the TSC2008, the device must be selected (CS low) before submitting
this sequence.
Figure 37. SureSet Timing
30
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com