Electronic Components Datasheet Search
  English  ▼

X  

MAX4072 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4072
Description  Bidirectional, High-Side, Current-Sense Amplifiers with Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4072 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4072 Datasheet HTML 1Page - Maxim Integrated Products MAX4072 Datasheet HTML 2Page - Maxim Integrated Products MAX4072 Datasheet HTML 3Page - Maxim Integrated Products MAX4072 Datasheet HTML 4Page - Maxim Integrated Products MAX4072 Datasheet HTML 5Page - Maxim Integrated Products MAX4072 Datasheet HTML 6Page - Maxim Integrated Products MAX4072 Datasheet HTML 7Page - Maxim Integrated Products MAX4072 Datasheet HTML 8Page - Maxim Integrated Products MAX4072 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Bidirectional, High-Side, Current-Sense
Amplifiers with Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VRS+ = VRS- = VCC = 2.7V to 24V, VSENSE = VRS+ - VRS- = 0V, IREFOUT = 0, VSHDN = VCC, VGSEL = GND, VREFIN = 2.5V (MAX4072),
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25
°C and at VCC = VRS+ = 12V.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, RS+, RS- to GND ...........................................-0.3V to +26V
OUT to GND ....................-0.3V to Lesser of (VCC + 0.3V) or 15V
Differential Input Voltage (VRS+ - VRS-) ..............................
±0.3V
GSEL, SHDN, REFOUT, REFIN
and ADJ to GND.....................................-0.3V to (VCC + 0.3V)
OUT Short-Circuit Duration to GND
or to Lesser of (VCC or 15V) ...................................Continuous
REFOUT Short Circuit to VCC or GND........................Continuous
Current into Any Pin ..........................................................
±20mA
Continuous Power Dissipation (TA = +70
°C)
8-Pin µMAX (derate 4.5 mW/
°C above +70°C) ............362mW
8-Pin Thin QFN (derate 24.4mW/
°C above +70°C) ...1951mW
10-Pin µMAX (derate 5.6 mW/
°C above +70°C) .......444.4mW
Operating Temperature Range .........................-40
°C to +125°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4069/MAX4071/MAX4072 (Note 4)
2.7
24
Operating Voltage Range
(Note 3)
VCC
MAX4070
3.6
24
V
TA = +25
°C
0.08
0.25
TA = -40
°C to +85°C
0.8
Input-Referred Offset Voltage
(Note 5)
VOS
VCC = VRS+ =
VRS- = 12V
TA = TMIN to TMAX
1
mV
Common-Mode Input Range
CMVR
Guaranteed by CMRR test
1.35
24
V
Common-Mode Rejection Ratio
CMRR
1.35V
≤ VRS+ = VRS- ≤ 24V, VCC = 12V
100
120
dB
Supply Current
ICC
VCC = VRS+ = VRS- = 24V, RL = open,
TA = TMIN to TMAX
100
250
µA
VCC = VRS+ = VRS- = 5.5V,
SHDN = GND, TA = +25
°C
9
Shutdown Supply Current
ICC SHDN
VCC = VRS+ = VRS- = 24V,
SHDN = GND
10
30
µA
Leakage Current
VRS+ = VRS- = 24V, VCC = 0V
0.1
0.5
µA
Input Bias Current
IRS+, IRS-
VCC = VRS+ = VRS- = 24V
0
2.4
5
µA
Gain = 50V/V
75
Recommended Full-Scale Sense
Voltage (Note 6)
VSENSE
Gain = 100V/V
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com