Electronic Components Datasheet Search
  English  ▼

X  

TSC2008IRGVT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2008IRGVT
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008IRGVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button TSC2008IRGVT Datasheet HTML 16Page - Texas Instruments TSC2008IRGVT Datasheet HTML 17Page - Texas Instruments TSC2008IRGVT Datasheet HTML 18Page - Texas Instruments TSC2008IRGVT Datasheet HTML 19Page - Texas Instruments TSC2008IRGVT Datasheet HTML 20Page - Texas Instruments TSC2008IRGVT Datasheet HTML 21Page - Texas Instruments TSC2008IRGVT Datasheet HTML 22Page - Texas Instruments TSC2008IRGVT Datasheet HTML 23Page - Texas Instruments TSC2008IRGVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
CONTROL BYTE
TSC2008
SBAS406A – JUNE 2008 – REVISED DECEMBER 2008 .................................................................................................................................................. www.ti.com
The control byte (on SDI), as shown in Table 2, provides the start conversion, addressing, A/D converter
resolution, configuration, and power-down of the TSC2008. Figure 30, Table 2, and Table 3 give detailed
information regarding the order and description of these control bits within the control byte.
Table 2. Order of the Control Bits in the Control Byte
BIT 7
BIT 0
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
(LSB)
COMMENT
S
A2
A1
A0
MODE
SER/DFR
PD1
PD0
Excludes setup command
S
0
1
0
Pull-up
Bypass
Timing
Reset
Setup command
Table 3. Description of the Control Bits in the Control Byte
BIT
DESCRIPTION
Start Bit. When this bit = '1', it indicates this is one of the user commands. A new control byte can start every 16th clock cycle in
7
12-bit conversion mode or every 12th clock cycle in 8-bit conversion mode (see Figure 30 through Figure 33).
Bit[6:4] = A[2:0]. Channel select command if A[2:0]
≠
'010'.
These channel select bits, along with the SER/DFR bit,
6-4
Bit[6:4] = A[2:0]. Setup command if A[2:0] = '010'.
control the setting of the multiplexer input, touch driver
switches, and reference inputs (see Table 4 and
Figure 30 through Figure 33).
Mode Select Bit. This bit controls the number of bits for
Pull-up Resistor Select Bit(1).
the next conversion.
3
0: 50k
Ω PENIRQ pull-up resistor (default).
0: 12 bits (low)
1: 90k
Ω PENIRQ pull-up resistor.
1: 8 bits (high).
Single-Ended/Differential Reference Select Bit
Bypass Noise Filter Bit(1).
(SER/DFR). Along with the channel select bits, A[2:0],
2
0: MAV noise filter enabled (default).
this bit controls the setting of the multiplexer input, touch
1: MAV noise filter bypassed.
driver switches, and reference inputs (see Table 4).
Bit 1: Timing Select Bit(1).
0: TSC2046-compatible timing for SDO during data read (default)
1: Adjusted SDO timing; MSB appears before 1st rising clock edge.
Bit[1:0] = PD[1:0]. Power Down Mode Select Bits.
1-0
See Table 5 for details.
Bit 0: Software Reset Bit.
0: Nothing happens (default).
1: Software reset.
(1)
These bits configure the pull-up resistor value, control the filter bypass, and select the SDO output timing. The bits are static and the
values are stored in register bits that will only be reset to default by a reset condition (power-on reset, software reset, or SureSet) or
changed with the setup command.
20
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com