Electronic Components Datasheet Search
  English  ▼

X  

MAX4193ESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4193ESA
Description  CMOS Micropower Step-Up Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4193ESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4193ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4193ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4193ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4193ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4193ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4193ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4193ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4193ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4193ESA Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CMOS Micropower Step-Up
Switching Regulator
______________________________________________________________________________________
13
Package Information
For the latest package outline information, go to
www.maxim-ic.com/packages.
Chip Topography
LBR
1
7
IC
VFB
6
2
GND
3
4
GND
4
+VS
5
0.070"
(1.78mm)
0.089"
(2.26mm)
CX
LX
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
8 PDIP
P8-T
21-0043
8 SO
S8-4
21-0041
8 CERDIP
J8-2
21-0045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com