Electronic Components Datasheet Search
  English  ▼

X  

MAX8680 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8680
Description  Smallest, All-Internal MOSFET, 7-Channel DSC PMIC in Tiny 5mm x 5mm Thin QFN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8680 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8680 Datasheet HTML 1Page - Maxim Integrated Products MAX8680 Datasheet HTML 2Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Smallest, All-Internal MOSFET, 7-Channel
DSC PMIC in Tiny 5mm x 5mm Thin QFN
14
______________________________________________________________________________________
BATT
LXSU
PVSU
SU
FBSU
PGSU
(EP)
PGSU
(EP)
PGSD
(EP)
PGM
(EP)
LXM
VSU
VSU
(5V, 500mA)
PVM
FBM
VMAIN
(3.3V, 300mA)
PVSD
LXSD
FBSD
ONSU
ONM
ONLED
ONBST
ONINV
LXINV
FBINV
SWBST
LXBST
FBBST
PVLED
SWLED
LXLED
OVLED
FBLED
PGBST
(EP)
PGLED
(EP)
EP
GND
REF
PVINV
VBATT OR VSU
VBATT
(2V TO 5.5V)
VCCDBST
(15V, 30mA)
VLEDBST
(16V, 30mA)
VCCDINV
(-7.5V, 100mA)
ONSD
PVBST
C20
0.1
μF
C18
1
μF
L2
4.7
μH
C1
22
μF
C2
22
μF
L1
2
μH
L6
4.7
μH
L7
4.7
μH
D1
D2
D3
C5
1
μF
24
33
32
30
26
27
38
39
1
35
5
34
28
40
6
10
21
7
25
8
9
11, 12
14
13
18
22
19, 20
17
23
15
16
29
LXSU
31
PVSU
37
LXZ
4
R16
100k
Ω
VBATT
ONZ
2
PGZ
(EP)
FBZ
3
PVZ
36
D4
D5
D6
D7
MAX8680
C3
22
μF
C4
22
μF
C16
0.1
μF
R17
100
Ω
R2
100k
Ω
R3
232k
Ω
R1
402k
Ω
C6
10
μF
C7
10
μF
VBATT
C8
10
μF
VBATT OR
VSU
C11
1
μF
VBATT
C14
1
μF
VBATT
VREF
C16
1
μF
R4
100k
Ω
VSD
(1.8V, 250mA)
L3
4.7
μH
R5
80k
Ω
C10
10
μF
C9
10
μF
R6
100k
Ω
VDDRZ
(2.5V, 200mA)
L4
4.7
μH
L5
4.7
μH
R7
150k
Ω
C12
10
μF
C13
10
μF
C15
1
μF
R8
100k
Ω
R9
1.6M
Ω
R10
100k
Ω
C17
1
μF
C19
4.7
μF
R11
1.4M
Ω
R12
100k
Ω
R13
604k
Ω
R14
100k
Ω
SDOK
R15
10
Ω
Figure 1. MAX8680 Typical Application Circuit (for Li+ Cell Design, Connect PVZ and PVINV to BATT; for Two-AA or Dual-Battery
Design, Connect PVZ and PVINV to PVSU)
NOTE: ALL CONVERTERS’ POWER GROUND CONNECTIONS
ARE THROUGH THE EXPOSED PADDLE (EP).
ABRIDGED



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com