Electronic Components Datasheet Search
  English  ▼

X  

MAX13102E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13102E
Description  16-Channel Buffered CMOS Logic-Level Translators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13102E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13102E Datasheet HTML 1Page - Maxim Integrated Products MAX13102E Datasheet HTML 2Page - Maxim Integrated Products MAX13102E Datasheet HTML 3Page - Maxim Integrated Products MAX13102E Datasheet HTML 4Page - Maxim Integrated Products MAX13102E Datasheet HTML 5Page - Maxim Integrated Products MAX13102E Datasheet HTML 6Page - Maxim Integrated Products MAX13102E Datasheet HTML 7Page - Maxim Integrated Products MAX13102E Datasheet HTML 8Page - Maxim Integrated Products MAX13102E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
16-Channel Buffered CMOS
Logic-Level Translators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +1.65V to +5.5V, VL = +1.2V to VCC, EN = VL (MAX13101E/MAX13102E/MAX13103E), MULT = VL or GND (MAX13108E),
TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +1.65V, VL = +1.2V, TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VCC ...........................................................................-0.3V to +6V
VL...........................................................................................-0.3V to +6V
I/O VCC_......................................................-0.3V to (VCC + 0.3V)
I/O VL_.....................................................................-0.3V to (VL + 0.3V)
EN, MULT .................................................................-0.3V to +6V
Short-Circuit Duration I/O VL_, I/O VCC_ to GND .......Continuous
Continuous Power Dissipation (TA = +70°C)
36-Bump WLP (derate 17.0mW/°C above +70°C).....1361mW
40-Pin TQFN (derate 35.7mW/°C above +70°C) .......2857mW
Operating Temperature Range ...........................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
VL Supply Range
VL
1.2
VCC
V
VCC Supply Range
VCC
1.65
5.50
V
Supply Current from VCC
IQVCC
I/O VCC_ = GND, I/O VL _ = GND
or I/O VCC_ = VCC, I/O VL _ = VL,
EN = VL, MULT = GND or VL
0.03
10
µA
Supply Current from VL
IQVL
I/O VCC_ = GND, I/O VL _ = GND
or I/O VCC_ = VCC, I/O VL _ = VL,
EN = VL, MULT = GND or VL
0.03
20
µA
VCC Shutdown Supply Current
ISHDN-VCC
TA = +25
°C, EN = GND, I/O VCC_ = GND,
I/O VL _ = GND,
MAX13101E/MAX13102E/MAX13103E
0.03
1µA
VL Shutdown Supply Current
ISHDN-VL
TA = +25
°C, EN = GND, I/O VCC_ = GND,
I/O VL _ = GND,
MAX13101E/MAX13102E/MAX13103E
0.03
2µA
TA = +25
°C, EN = GND,
MAX13102E/MAX13103E
0.02
1
I/O VCC_ Tri-State Output
Leakage Current
TA = +25
°C, MULT = GND (I/O VCC1 - I/O VCC 8)
or MULT = VL (I/O VCC 9 - I/O VCC 16)
MAX13108E
0.02
1
µA
TA = +25
°C, EN = GND, MAX13101E/
MAX13103E
0.02
1
I/O VL _ Tri-State Output Leakage
Current
TA = +25
°C, MULT = GND (I/O VL1 - I/O
VL8) or MULT = VL (I/OVL9 - I/O VL16)
MAX13108E
0.02
1
µA
I/O VL _ Pulldown Resistance
During Shutdown
EN = GND, MAX13102E
4
10
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com