Electronic Components Datasheet Search
  English  ▼

X  

MMA7455LT Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMA7455LT
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455LT Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMA7455LT Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Sensors
Freescale Semiconductor
2
MMA7455L
Contents
ELECTRO STATIC DISCHARGE (ESD) ......................................................................................................................................6
PRINCIPLE OF OPERATION .......................................................................................................................................................8
FEATURES ...................................................................................................................................................................................8
Self-Test .........................................................................................................................................................................8
g-Select ...........................................................................................................................................................................9
Standby Mode .................................................................................................................................................................9
Measurement Mode ........................................................................................................................................................9
LEVEL DETECTION ...................................................................................................................................................................10
$18: Control 1 (Read/Write) Setting the Detection Axes for X, Y and Z .......................................................................10
$19: Control 2 (Read/Write) Motion Detection (OR Condition) or Freefall Detection (AND Condition) ........................10
$18: Control 1 (Read/Write): Setting the threshold to be an integer value or an absolute value ..................................10
$1A: Level Detection Threshold Limit Value (Read/Write) ...........................................................................................10
THRESHOLD DETECTION FOR MOTION AND FREEFALL CONDITIONS .............................................................................11
CASE 1: Motion Detection ............................................................................................................................................11
CASE 2: Motion Detection ............................................................................................................................................11
CASE 3: Freefall Detection ...........................................................................................................................................11
CASE 4: Freefall Detection ...........................................................................................................................................11
PULSE DETECTION ...................................................................................................................................................................12
$18: Control 1 (Read/Write): Disable X, Y or Z for pulse detection ..............................................................................12
$19: Control 2 (Read/Write): Motion Detection (OR condition) or Freefall Detection (AND condition) .........................12
CASE 1: Single Pulse Motion Detection: X or Y or Z > Pulse Threshold for Time < Pulse Duration ...........................12
CASE 2: Freefall Detection: X and Y and Z < Pulse Threshold for Time > Latency Time ............................................13
CASE 3: Double Pulse Detection: X OR Y OR Z > Threshold for Pulse Duration1 < PDTime1, Latency Time, AND .14
ASSIGNING, CLEARING & DETECTING INTERRUPTS ...........................................................................................................15
Clearing the Interrupt Pins: Register $17 ......................................................................................................................15
Detecting Interrupts ......................................................................................................................................................16
DIGITAL INTERFACE .................................................................................................................................................................16
I2C Slave Interface ........................................................................................................................................................16
SPI Slave Interface .......................................................................................................................................................18
BASIC CONNECTIONS ..............................................................................................................................................................19
Pin Descriptions ............................................................................................................................................................19
Recommended PCB Layout for Interfacing Accelerometer to Microcontroller .............................................................19
REGISTER DEFINITIONS ..........................................................................................................................................................21
SOLDERING AND MOUNTING GUIDELINES FOR THE LGA ACCELEROMETER SENSOR TO A PC BOARD ...................29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com