Electronic Components Datasheet Search
  English  ▼

X  

SP8 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # SP8
Description  OSCILLATORS - PROGRAMMABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

SP8 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  SP8 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SP8 SERIES
PROGRAMMABLE
OSCILLATORS
8 PIN Dual-in-Line
SP8 SERIES
8 PIN Dual-in-Line
PROGRAMMABLE
OSCILLATORS
Frequency range:
Frequency stability:
Operating temperature range:
Supply Voltage:
Supply current:
Rise and times:
Symmetry:
Output:
÷2, ÷4, ÷8, ÷16, ÷32, ÷64, ÷128, ÷256
40kHz to 25MHz
±100ppm
-10ºC to +70ºC
3.0 Volt to 6.0 Volt
20mA max.
15ns
40/60%
The oscillator provides two outputs; one,
the original frequency and the other the
divided output. Both outputs can be
disabled.
Programming any of the four inputs allows
the fundamental frequency to be divided
by any of these ratios:
Pin
Programming table
50
1
0
1
0
1
0
1
60
0
1
1
0
0
1
1
70
0
0
0
1
1
1
1
÷2
Outline and Dimensions
1
4
5
8
12.8 max.
7.62
2.54
0.5
5.08
0.5
2.5
0.6
Actual size
7.0
8pin DIL
12.0MHz
15.9744MHz
20.0MHz
12.288MHz
16.0MHz
20.49MHz
14.31818MHz
16.128MHz
21.4727MHz
14.5MHz
16.257MHz
22.0MHz
14.7456MHz
16.384MHz
22.1184MHz
14.9106MHz
17.734476MHz
24.0MHz
15.0MHz
18.432MHz
24.576MHz
15.36MHz
19.0909MHz
÷4
÷8
÷16 ÷32 ÷64 ÷128 ÷256
Standard undivided fundamental frequencies
Pin connections
Pin 1
Oscillator output undivided
Pin 2
Oscillator output divided
Pin 3
1 enable, 0 disable
Pin 4
Ground
Pin 5
Programme
Pin 6
Programme
Pin 7
Programme
Pin 8
Vcc
•
•
•
Frequency division from 1 /2 to 1 /2
Low current consumption
Readily mounted 8 pin DIP
&
General Specification
EUROQUARTZ
+44 (0)1460 230000
+44 (0)1460 230001
sales@euroquartz.co.uk
www.euroquartz.co.uk
Telephone:
Fax:
Email:
Web:
OSCILLATORS - PROGRAMMABLE
GENERAL PRODUCT SPECIFICATION
Euroquartz
Stock No
Frequency
Specification
SP 12000A
12.0MHz
±100ppm / -10 to 70ºC
SP 12288A
12.288MHz
±100ppm / -10 to 70ºC
SP 12800A
12.8MHz
±100ppm / -10 to 70ºC
SP 14318A
14.31818MHz
±100ppm / -10 to 70ºC
SP 14745A
14.7456MHz
±100ppm / -10 to 70ºC
SP 16000A
16.0MHz
±100ppm / -10 to 70ºC
SP 16384A
16.384MHz
±100ppm / -10 to 70ºC
SP 17734A
17.73447MHz
±100ppm / -10 to 70ºC
SP 18432A
18.432MHz
±100ppm / -10 to 70ºC
SP 19660A
19.6608MHz
±100ppm / -10 to 70ºC
SP 20000A
20.0MHz
±100ppm / -10 to 70ºC
SP8 SERIES Stock Listing


Similar Part No. - SP8

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
SP800 A-DATA-SP800 Datasheet
361Kb / 2P
ADATA Premier SP800 Solid State Drive SATA 3 Gb/sec
logo
SIPAT Co,Ltd
SP80001 SIPAT-SP80001 Datasheet
156Kb / 4P
800MHz Low-loss SAW Filter 53MHz Bandwidth
logo
Analogix Semiconductor,...
SP8001 ANALOGIX-SP8001 Datasheet
404Kb / 2P
SlimPort® NANO●CONSOLE™
March 2016
SP8001 ANALOGIX-SP8001 Datasheet
251Kb / 2P
SlimPort® USB-C™ to HDMI® Adapter
March 2017
logo
List of Unclassifed Man...
SP8003 ETC2-SP8003 Datasheet
297Kb / 4P
Very High Accuracy, Low Noise, Sample-and-Hold Amplifier
More results

Similar Description - SP8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSX750P ETC2-CSX750P Datasheet
915Kb / 1P
PROGRAMMABLE OSCILLATORS
CSX-325P ETC2-CSX-325P Datasheet
77Kb / 1P
PROGRAMMABLE OSCILLATORS
logo
EUROQUARTZ limited
SPG EUROQUARTZ-SPG Datasheet
231Kb / 4P
OSCILLATORS - PROGRAMMABLE
logo
Ecliptek Corporation
EP2500ETTTSL-24000MTR ECLIPTEK-EP2500ETTTSL-24000MTR Datasheet
117Kb / 3P
Programmable Crystal Oscillators
EP2600ETTTS-24000MTR ECLIPTEK-EP2600ETTTS-24000MTR Datasheet
118Kb / 3P
Programmable Crystal Oscillators
EP3500ETTTSL-24000MTR ECLIPTEK-EP3500ETTTSL-24000MTR Datasheet
114Kb / 3P
Programmable Crystal Oscillators
EP3600ETTTS-24000MTR ECLIPTEK-EP3600ETTTS-24000MTR Datasheet
113Kb / 3P
Programmable Crystal Oscillators
logo
CITIZEN ELECTRONICS CO....
CSX-325P CITIZEN-CSX-325P Datasheet
78Kb / 1P
PROGRAMMABLE OSCILLATORS
CSX750P CITIZEN-CSX750P Datasheet
915Kb / 1P
PROGRAMMABLE OSCILLATORS
SSX-750P CITIZEN-SSX-750P Datasheet
497Kb / 2P
PROGRAMMABLE OSCILLATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com