Electronic Components Datasheet Search
  English  ▼

X  

SPG Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # SPG
Description  OSCILLATORS - PROGRAMMABLE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

SPG Datasheet(HTML) 1 Page - EUROQUARTZ limited

  SPG Datasheet HTML 1Page - EUROQUARTZ limited SPG Datasheet HTML 2Page - EUROQUARTZ limited SPG Datasheet HTML 3Page - EUROQUARTZ limited SPG Datasheet HTML 4Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPG SERIES
PROGRAMMABLE
OSCILLATORS
SPG SERIES
8 pin Dual-in-Line
PROGRAMMABLE
OSCILLATORS
Frequency range:
Supply Voltage (Vdd-GND):
Operating Voltage:
Temperature Range
Operating:
Storage:
Soldering Conditions:
Supply current:
Frequency/Temperature:
Ageing:
0.00027Hz to 1.0MHz
±-0.3V to -7.0V max.
5.0V±0.5V
-10° to +70°C
-55° to +125°C
Under 260°C within 10s.
2mA max.
-10°/-120ppm
±5ppm/year max.
Outline and Dimensions
1
8
20.5 max.
7.9
2.54
0.5
5.08
0.5
3.0
0.6
Actual size
7.0
16 pin DIL
2.6
9
16
SPG 8650E
32.768
±50
±10
0.5
SPG 8650A
60.0
±50
±10
0.5
SPG 8650C
96.0
±50
±10
0.5
SPG 8650B
100.0
±50
±10
0.5
SPG 8650D
153.60
±50
±10
0.5
SPG 8640AN
600.0
±100
±20
1.0
SPG 8640CN
768.0
±100
±20
1.5
SPG 8640BN
1000.0
±100
±10
2.0
Type number
Part numbers for undivided fundamental frequencies
with tolerances and supply current
Fundamental
Frequency
(kHz)
_57 frequencies programmable from one device
Low current consumption
Readily mounted 16 pin DIP
_
_
Freq.
Tol.
(ppm)
Freq./
Voltage
(ppm)
Current
max.
(mA)
Page1of4
Electrical Specification
Item
L.input voltage:
H.input voltage:
L. input current (Reset):
H.input current (Reset):
L.output voltage:
H.output voltage:
L.output current:
H.output current:
Output rise time:
Output fall time:
Duty:
Min. reset pulse width:
Reset delay time:
Osc. start-up time:
V
0
0.8
V
V
V -10
V
V
I
-30
-5
A
(Reset = V )
I
0.5
A
(Reset = V )
I
-0.5
A
I
5
30
A
V
0.4
V
(I = 1.6mA)
V
V -10
V
(I = -40 A)
I
1.6
A
(V = 0.4V)
I
-40
A
(V =V -1.0V)
t30
60
s
t25
50
s
40
60
%
(Except 1/3 and 1/5)
t
1.0
s
t
1.0
s
t
t -1/2*
t **
s
F1M
Hz
(8640N only)
t
0.5
s
(8640N only)
t
0.2 1*** s.
IL
IH
RL
RH
IL
IH
OL
OH
OL
OH
TLH
THL
RW
R
EW
W
IN
IN
OSC
DD
DD
SS
DD
OL
DD
OH
OL
OH
DD
m
m
m
m
m
m
m
m
m
m
m
m
m
L.i/p current (exc.Reset):
H.i/p current (exc.Reset):
Reset release sync. error:
Ext. signal i/p frequency:
Ext signal i/p pulse width:
Symb.
min.
typ. max. Unit
RESET timing
50%
Duty =B/Ax100(%) Reset
t
tTHL
tTLH
tR
t E
tW
RW
1/2V
SS
V
DD
V
OH
OL
V
DD
V
A
B
Output waveform
20%V
80%V
RESET Timing
* to = oscillation source cycle, ** tw = ½ cycle of preset frequency
*** for more than 1ms until V = 0~+4.5V. Time at 4.5V is to be zero
,,
EUROQUARTZ
+44 (0)1460 230000
+44 (0)1460 230001
sales@euroquartz.co.uk
www.euroquartz.co.uk
Telephone:
Fax:
Email:
Web:
OSCILLATORS - PROGRAMMABLE
GENERAL PRODUCT SPECIFICATION
General Specification


Similar Part No. - SPG

ManufacturerPart #DatasheetDescription
logo
Epson Company
SPG EPSON-SPG Datasheet
109Kb / 3P
SELECTABLE-OUTPUT CRYSTAL OSCILLATOR
logo
SOVICO corp.
SPG-104 SOVICO-SPG-104 Datasheet
733Kb / 1P
PROGRAM EXCHANGER
logo
Epson ToYoCom
SPG-8640AN EPSONTOYOCOM-SPG-8640AN Datasheet
444Kb / 2P
SPG-8650
SPG-8640AN EPSONTOYOCOM-SPG-8640AN Datasheet
444Kb / 2P
Crystal oscillator
SPG-8640BN EPSONTOYOCOM-SPG-8640BN Datasheet
444Kb / 2P
SPG-8650
More results

Similar Description - SPG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSX750P ETC2-CSX750P Datasheet
915Kb / 1P
PROGRAMMABLE OSCILLATORS
CSX-325P ETC2-CSX-325P Datasheet
77Kb / 1P
PROGRAMMABLE OSCILLATORS
logo
EUROQUARTZ limited
SP8 EUROQUARTZ-SP8 Datasheet
112Kb / 1P
OSCILLATORS - PROGRAMMABLE
logo
Ecliptek Corporation
EP2500ETTTSL-24000MTR ECLIPTEK-EP2500ETTTSL-24000MTR Datasheet
117Kb / 3P
Programmable Crystal Oscillators
EP2600ETTTS-24000MTR ECLIPTEK-EP2600ETTTS-24000MTR Datasheet
118Kb / 3P
Programmable Crystal Oscillators
EP3500ETTTSL-24000MTR ECLIPTEK-EP3500ETTTSL-24000MTR Datasheet
114Kb / 3P
Programmable Crystal Oscillators
EP3600ETTTS-24000MTR ECLIPTEK-EP3600ETTTS-24000MTR Datasheet
113Kb / 3P
Programmable Crystal Oscillators
logo
CITIZEN ELECTRONICS CO....
CSX-325P CITIZEN-CSX-325P Datasheet
78Kb / 1P
PROGRAMMABLE OSCILLATORS
CSX750P CITIZEN-CSX750P Datasheet
915Kb / 1P
PROGRAMMABLE OSCILLATORS
SSX-750P CITIZEN-SSX-750P Datasheet
497Kb / 2P
PROGRAMMABLE OSCILLATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com