Electronic Components Datasheet Search
  English  ▼

X  

MPC5121E Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  Advance Information
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 1
Electrical and Thermal Characteristics
Freescale Semiconductor
62
Figure 41. TFT LCD Interface Timing Diagram – Horizontal Sync Pulse
Figure 42 depicts the vertical timing (timing of one frame), including the vertical sync pulse and the data. All parameters shown
in the diagram are programmable.
Figure 42. TFT LCD Interface Timing Diagram – Vertical Sync Pulse
Table 39 shows timing parameters of signals.
Table 37. LCD Interface Timing Parameters – Pixel Level
Name
Description
Value
Unit
SpecID
tPCP
Display Pixel Clock Period
151
ns
A15.1
tPWH
HSYNC Pulse Width
PW_H * tPCP
ns
A15.2
tBPH
HSYNC Back Porch Width
BP_H * tPCP
ns
A15.3
1
2
3
DELTA_X
tPWH
tBPH
tSW
tFPH
DIU_CLK
DIU_LD[23:0]
DIU_HSYNC
DIU_DE
tPCP
1
Invalid Data
Invalid Data
Start of line
tHSP
1
2
3
DELTA_Y
tPWV
tBPV
tSH
tFPV
DIU_HSYNC
DIU_LD[23:0]
DIU_VSYNC
DIU_DE
tHSP
1
(Line Data)
Start of Frame
Invalid Data
Invalid Data
tVSP
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com