Electronic Components Datasheet Search
  English  ▼

X  

TMA Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # TMA
Description  TMA SERIES SYNCHRONOUS TIMING MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

TMA Datasheet(HTML) 1 Page - EUROQUARTZ limited

  TMA Datasheet HTML 1Page - EUROQUARTZ limited TMA Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 1460 230000 Fax: +44 1460 230001 email: info@euroquartz.co.uk web: www.euroquartz.co.uk
SYNCHRONOUS TIMING MODULES
Input Reference Frequency:
8, 16, 32 or 64kHz or <77.76MHz
Selectable by SELA & SELB pads
Output Frequency:
from 1.544MHz to 77.760MHz
Supply Voltage:
+3.3 Volts ±5%
Current Consumption:
Less than 80mA
Input Jitter Tolerance:
2us at 10Hz
Acquisition Time:
1 second
Capture/Pull-in Range:
±40ppm
Input Logic:
CMOS
Output Logic:
CMOS
Duty Cycle:
40%60% at 50% level
Rise and Fall Times:
2ns (20%~80% output levels)
Free Run Accuracy:
±15ppm maximum
Jitter at 77.760MHz:
7.5ps RMS typ. at 10Hz~1MHz
12kHz to 20MHz bandwidth
Operating Temperature Range
COMMERCIAL:
0°~+70°C (Code ‘C’)
INDUSTRIAL:
-40°~+85°C (Code ‘I’)
Loss of Reference (LOR) and Loss of Lock (LOL) active alarms.
Continuous input reference monitoring of external references.
Automatic FREE RUN mode on Loss Of Reference (LOR)
±15ppm output accuracy guaranteed.
Manually forced FREE-RUN mode by software control.
Tristate (output high impedance) for external testing.
+3.3V leadframe package, current <80mA.
1 second acquisition time
TMA SERIES SYNCHRONOUS TIMING MODULES
FEATURES
GENERAL SPECIFICATION
OUTLINES & DIMENSIONS
PART NUMBERS
DESCRIPTION
TMA (Synchronous Timing Module, model A) parts serve as a frequency
translator in telecommunications systems. The device translates any CMOS
input reference frequencies (8, 16, 32, 64kHz up to 77.760MHz) into
jitter-attenuated, phase locked reference synchronized output frequencies
up to 77.760MHz.
FUNCTIONAL BLOCK DIAGRAM
8kHz to 77.760MHz Inputs, up to 77.760MHz CMOS output
Page 1 of 2
Supply
Voltage
Package
Type
Operating
Temperature
Range
Input
Frequency
Output
Frequency
“3” for +3.3 V
TMA20
“C”=0°~+70°C
“I”=-40°~+85°C
Add “k”
for kHz
Output
Frequency
in MHz
Part numbers are generated according to this scheme:
EXAMPLE:
3TMA20-C-8K-77.760
Representing: +3.3V supply, TMA package, Commercial operating
temperature range, 8kHz input frequency and output frequency of
77.760MHz.
ABSOLUTE MAXIMUM RATINGS
Vcc
Supply Voltage relative to ground
-0.5V to 4.0V
Vin
Input Voltage relative to ground
-0.5V to 5.5V
Tstg
Storage Temperature (Ambient)
-65° to +150°C
Tref
Maximum reflow Temperature
240°C
Symbol
Description
Rating
PAD CONNECTIONS
1
REF OP
Reference Output
2
NC
Do not connect - factory use only
3
NC
Do not connect - factory use only
4
GND
Ground
5
FREE RUN
Control input to force FREE RUN
6
LOR
Logic 1 indicates Loss Of Reference
7
LOL
Logic 1 indicates Loss Of Lock
8
REFIN
Reference input
9
OUTPUT
VCXO output
10
E/D
Enable/Disable output
11
VCC
Supply Votage
12
TDO
Do not connect - factory use only
13
SEL A
Second bit reference frequency selection
14
SEL B
First bit reference frequency selection
Pad No. Pad Name
Description of Function


Similar Part No. - TMA

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TMA TAITRON-TMA Datasheet
177Kb / 5P
Axial Ceramic Monolithic Capacitor
logo
Touchstone Semiconducto...
TMA TOUCHSTONE-TMA Datasheet
145Kb / 3P
DC/DC Converters
logo
Illinois Capacitor, Inc...
TMA ILLINOISCAPACITOR-TMA Datasheet
261Kb / 3P
Extended Life - High voltage
logo
M-System Co.,Ltd.
TMA MSYSTEM-TMA Datasheet
59Kb / 4P
ANALOG TELEMETERING MODULE
logo
TRACO Electronic AG
TMA TRACOPOWER-TMA Datasheet
892Kb / 4P
DC/DC Converter TMA Series, 1 Watt
Rev. November 30, 2022
More results

Similar Description - TMA

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NW50M50LA NDK-NW50M50LA Datasheet
87Kb / 1P
Frequency Timing and Translation Modules
logo
EUROQUARTZ limited
TMB EUROQUARTZ-TMB Datasheet
120Kb / 1P
TMB SERIES SYNCHRONOUS TIMING MODULES
logo
Connor-Winfield Corpora...
STS-100 CONNOR-WINFIELD-STS-100 Datasheet
194Kb / 8P
Synchronous Timing Module
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
Synchronous Equipment Timing Source for Synchronous Ethernet
82P33714 IDT-82P33714_17 Datasheet
878Kb / 64P
Synchronous Equipment Timing Source for Synchronous Ethernet
82P33714 IDT-82P33714_18 Datasheet
1Mb / 63P
Synchronous Equipment Timing Source
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
Synchronous Equipment Timing Source
logo
u-blox AG
NEO-M8T U-BLOX-NEO-M8T Datasheet
1Mb / 36P
M8 concurrent GNSS timing modules
logo
TRACO Electronic AG
TMA TRACOPOWER-TMA Datasheet
892Kb / 4P
DC/DC Converter TMA Series, 1 Watt
Rev. November 30, 2022
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com