Electronic Components Datasheet Search
  English  ▼

X  

MPC8272EC Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC8272EC
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8272EC Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC8272EC Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 2
Freescale Semiconductor
3
Overview
Figure 1 shows the block diagram of the MPC8272.
Figure 1. Block Diagram
1.1
Features
The major features of the MPC8272 are as follows:
•
Dual-issue integer (G2_LE) core
— A core version of the MPC603e microprocessor
— System core microprocessor supporting frequencies of 266-400 MHz
— Separate 16-Kbyte data and instruction caches:
– Four-way set associative
– Physically addressed
– LRU replacement algorithm
— PowerPC architecture-compliant memory management unit (MMU)
— Common on-chip processor (COP) test interface
— Supports bus snooping for cache coherency
16 Kbytes
G2_LE Core
I-Cache
I-MMU
16 Kbytes
D-Cache
D-MMU
Communication Processor Module (CPM)
Timers
Parallel I/O
Baud Rate
Generators
32-bit RISC Microcontroller
and Program ROM
Serial
DMA
60x-to-PCI
Bridge
Memory Controller
Clock Counter
System Functions
System Interface Unit
(SIU)
PCI Bus
32 bits, up to 66 MHz
FCC1
FCC2
SCC1
SCC3
SCC4
SMC1
SMC2
SPI
I2C
Serial Interface
2 MII/RMII
Port
Ports
60x Bus
Interrupt
Controller
Time Slot Assigner
2 TDM Ports
Non-Multiplexed
I/O
Bus Interface Unit
Virtual
IDMAs
16 KB
Security (SEC)1
2
1 8-bit Utopia
Serial interface
4 KB
Instruction
RAM
Data
RAM
Note
1 MPC8272/8248 only
2 MPC8272/8271 only
USB 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com