Electronic Components Datasheet Search
  English  ▼

X  

MPC8610EC Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8610EC Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Pin Assignments and Reset States
Freescale Semiconductor
4
1
Pin Assignments and Reset States
1.1
Pin Assignments
Table 1 provides the pin assignments for the signals.
Table 1. Signal Reference by Functional Block
Name1
Package Pin Number
Pin Type
Power Supply
Notes
Clocking Signals4
SYSCLK
D28
I
OVDD
RTC
A25
I
OVDD
17
DDR Memory Interface Signals2
MA[15:0]
AH28, AH25, AH6, AH24, AH22, AG13,
AG22, AG19, AH21, AH19, AH18, AG16,
AH16, AG15, AH15, AH14
OGVDD
MBA[2:0]
AG25, AH13, AH12
O
GVDD
MCS[0:3]
AH10, AG7, AH9, AG4
O
GVDD
MDQ[0:63]
W26, Y26, AB24, AC28, W27, Y28, AB27,
AB26 AD27, AE27, AD25, AF25, AC26,
AD28, AC25, AD24, AG24, AF23, AE21,
AG21, AE24, AE23, AF22, AD21, AH20,
AC19, AG18, AF17, AE20, AF20, AE18,
AC17, AC13, AD12, AG9, AE9, AD13,
AE12, AD10, AC10, AF8, AE8, AD6, AH5,
AD9, AH8, AG6, AE6, AF4, AD4, AC3, AC1,
AF5, AE5, AD2, AC4, AB1, AB2, Y1, Y6,
AB6, AA6, Y3, Y4
I/O
GVDD
MECC[0:7]
AD16, AF16, AC15, AF15, AH17, AE17,
AA15, AB15
I/O
GVDD
MDM[0:8]
Y25, AE26, AH23, AD19, AF11, AF7, AE3,
AB4, AC16
OGVDD
MDQS[0:8]
AA25, AF26, AD22, AD18, AF10, AC7, AD3,
AA5, Y15
I/O
GVDD
MDQS[0:8]
AA27, AF28, AC22, AF19, AE11, AD7, AE2,
AB5, AB16
I/O
GVDD
MCAS
AG10
O
GVDD
MWE
AH11
O
GVDD
MRAS
AG12
O
GVDD
MCK[0:5]
AF14, AG28, AH3, AD15, AH27, AG2
O
GVDD
MCK[0:5]
AF13, AG27, AH2, AD14, AH26, AG1
O
GVDD
MCKE[0:3]
AB28, AA28, AE28, W28
O
GVDD
18
MDIC[0:1]
AD1, AE1
I/O
GVDD
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com