Electronic Components Datasheet Search
  English  ▼

X  

MPR03X Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPR03X
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR03X Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPR03X Datasheet HTML 1Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 2Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
MPR03X
Rev 2.0 11/2008
Freescale Semiconductor
Technical Data
Preliminary
© Freescale Semiconductor, Inc., 2008. All rights reserved.
This document contains a product under development. Freescale Semiconductor reserves the right to change or
discontinue this product without notice.
Product Preview
Proximity Capacitive Touch
Sensor Controller
MPR03X OVERVIEW
The MPR03X is an Inter-Integrated Circuit Communication (I2C)
driven Capacitive Touch Sensor Controller, optimized to manage two
electrodes with interrupt functionality, or three electrodes with the
interrupt disabled. It can accommodate a wide range of
implementations due to increased sensitivity and a specialized
feature set.
Features
8 µA supply current with two electrodes being monitored with
64 ms response time and IRQ enabled
Compact 2 x 2 x 0.65 mm 8-lead µDFN package
Supports up to 3 touch pads
Only one external component needed
Intelligent touch detection capacity
4 µA maximum shutdown current
1.71 V to 2.75 V operation
Threshold based detection with hysteresis
•I2C interface, with optional IRQ
Multiple devices in a system allow for up to 6 electrodes (need
MPR032 with second I2C address)
-40°C to +85°C operating temperature range
Implementations
Switch Replacements
Touch Pads
Typical Applications
PC Peripherals
MP3 Players
Remote Controls
Mobile Phones
Lighting Controls
ORDERING INFORMATION
Device Name
Temperature Range
Case Number
Touch Pads
I2C Address
Shipping
MPR031EP
-40
°C to +85°C
1944 (8-Pin UDFN)
3-pads
0x4A
Bulk
MPR031EPR2
-40
°C to +85°C
1944 (8-Pin UDFN)
3-pads
0x4A
Tape and Reel
MPR032EP
-40
°C to +85°C
1944 (8-Pin UDFN)
3-pads
0x4B
Bulk
MPR032EPR2
-40
°C to +85°C
1944 (8-Pin UDFN)
3-pads
0x4B
Tape and Reel
MPR031
MPR032
Capacitive Touch
Sensor Controller
Top View
Figure 1. Pin Connections
Bottom View
8-PIN UDFN
CASE 1944
1
SCL
2
3
8
7
6
5
4
SDA
VSS
VDD
IRQ/ELE2
ELE1
ELE0
REXT
MPR03X
Interface
I²C Serial
VSS
SDA
SCL
MPR03X
ELE0
ELE1
VDD
INT
1
2
VSS
75k
REXT
MPR03X with 2 Electrodes and 2 Pads


Similar Part No. - MPR03X

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR03X FREESCALE-MPR03X Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
More results

Similar Description - MPR03X

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR084 FREESCALE-MPR084 Datasheet
378Kb / 39P
Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR121 FREESCALE-MPR121 Datasheet
253Kb / 13P
Proximity Capacitive Touch Sensor Controller
MPR031 FREESCALE-MPR031 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
logo
List of Unclassifed Man...
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity, Touch Controller
IQS227AS ETC2-IQS227AS Datasheet
1Mb / 31P
Single Channel Capacitive Proximity/Touch Controller
IQS228AS ETC2-IQS228AS Datasheet
1Mb / 30P
Single Channel Capacitive Proximity/Touch Controller
logo
CORE RIVER Semiconducto...
TC305K CORERIVER-TC305K Datasheet
2Mb / 14P
Capacitive Touch Sensor Controller
Revised May. 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com