Electronic Components Datasheet Search
  English  ▼

X  

MPR083Q Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPR083Q
Description  Proximity Capacitive Touch Sensor Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083Q Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPR083Q Datasheet HTML 1Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 2Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
MPR083
Sensors
4
Freescale Semiconductor
Preliminary
2
External Signal Description
2.1
Device Pin Assignment
Table 3 shows the pin assignment for the MPR083. For a more detailed description of the functionality of each pin, refer to the
appropriate chapter.
The two packages available for the MPR083 are a 5x5mm 16 pin QFN and a 4x5mm 16 pin TSSOP. Both of the packages and
their respective pinouts are shown in Figure 3.
Figure 3. Package Pinouts
2.2
Recommended System Connections
The MPR083 Capacitive Touch Sensor Controller requires ten external passive components. When connecting the MPR083 in
a touch sensor system, the electrode lines must have pull-up resistors. The recommended value for these pull-ups is 780k
Ω.
Some electrode arrays will require higher or lower values depending on the application.
In addition to the 8 resistors, a bypass capacitor of 1µF should always be used between the VDD and VSS lines and a 4.7
Ωk
pull-up resistor should be included on the IRQ.
Table 3. Device Pin Assignment
Pin
Name
Function
1ATTN
Attention Pin. Input, active low when asserted sets the Configuration Register’s DCE bit high
allowing communication with the part.
2IRQ
Interrupt Request Pin. Output, active-low, open-drain interrupt request signaling new events.
3
VDD
Positive Supply Voltage
4
VSS
Ground
5SCL
I2C Serial Clock
6SDA
I2C Serial Data
7
AD0
Address input. Low = slave address 0x4C. High = slave address 0x4D.
8
SOUNDER
Sounder driver output. Connect a piezo sounder from this output to ground. Output is push-pull
9 - 16
E1, E2, E3, E4, E5,
E6, E7, E8
Rotary Electrode connections.
PAD
Exposed pad
Exposed pad on package underside (QFN only). Connect to VSS.
E5
E6
E7
E8
VDD
VSS
ATTN
IRQ
3
4
1
2
10
9
12
11
78
56
14 13
16 15
E1
E2
E3
E4
E5
E6
E7
E8
VDD
VSS
SCL
SDA
AD0
SOUNDER
ATTN
IRQ
1
4
3
2
5
8
7
6
16
13
14
15
12
9
10
11
QFN
TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com