Electronic Components Datasheet Search
  English  ▼

X  

MPR083 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Proximity Capacitive Touch Sensor Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPR083 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
MPR083
Sensors
Freescale Semiconductor
5
Preliminary
The remaining 5 connections are SCL, SDA, IRQ, ATTN, and SOUNDER. Depending on the specific application, each of these
control lines can be used by connecting them to a host system. In the most minimal system, the SCL and SDA must be connected
to a master I2C interface to communicate with the MPR083. All of the connections for the MPR083 are shown by the schematic
in Figure 4.
Figure 4. Recommended System Connections Schematic
Note that in this configuration the AD0 address line is tied high thus the slave address of the MPR083 0x4D. Alternatively the
address line can be pulled low if the host system needs the MPR083 to be on address 0x4C. This functionality can also be used
to incorporate two MPR083 devices in the same system.
2.3
Serial Interface
The MPR083 uses an I2C Serial Interface. The I2C protocol implementation and the specifics of communicating with the Touch
Sensor Controller are detailed in the following sections.
2.3.1
Serial-Addressing
The MPR083 operates as a slave that sends and receives data through an I2C 2-wire interface. The interface uses a serial data
line (SDA) and a serial clock line (SCL) to achieve bi-directional communication between master(s) and slave(s). A master
(typically a microcontroller) initiates all data transfers to and from the MPR083, and generates the SCL clock that synchronizes
the data transfer.
The MPR083 SDA line operates as both an input and an open-drain output. A pull-up resistor, typically 4.7k
Ω, is required on SDA.
The MPR083 SCL line operates only as an input. A pull-up resistor, typically 4.7k
Ω, is required on SCL if there are multiple
masters on the 2-wire interface, or if the master in a single-master system has an open-drain SCL output.
Each transmission consists of a START condition (Figure 5) sent by a master, followed by the MPR083’s 7-bit slave address plus
R/W bit, a register address byte, one or more data bytes, and finally a STOP condition.
Figure 5. Wire Serial Interface Timing Details
E1
E2
E3
E4
E5
E6
E7
E8
VDD
VSS
SCL
SDA
AD0
SOUNDER
ATTN
IRQ
1
4
3
2
5
8
7
6
16
13
14
15
12
9
10
11
780k
Ω
1
4
3
2
5
8
7
6
E1
E2
E3
E4
E5
E6
E7
E8
9 GND
GND
MPR083
SCL
SDA
SOUNDER
ATTN
IRQ
8-POSITION
ROTARY
ELECTRODE
ARRAY
780k
Ω 780kΩ 780kΩ 780kΩ
780k
Ω 780kΩ 780kΩ
GND
1μF
VDD
4.7k
Ω
VDD
VDD
SCL
SDA
tLOW
tHIGH
tF
tR
tHD STA
tHD DAT
tHD STA
tSU DAT
tSU STA
tBUF
tSU STO
START
CONDITION
STOP
CONDITION
REPEATED START
CONDITION
START
CONDITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com