Electronic Components Datasheet Search
  English  ▼

X  

LTU455C2 Datasheet(PDF) 2 Page - AEL Crystals Ltd

Part # LTU455C2
Description  Ceramic Filter 455kHz or 450kHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

LTU455C2 Datasheet(HTML) 2 Page - AEL Crystals Ltd

  LTU455C2 Datasheet HTML 1Page - AEL Crystals Ltd LTU455C2 Datasheet HTML 2Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FEATURES
APPLICATIONS
Specify
Ceramic Filter
LTW33 Series
450 kHz & 455kHz
q u a r t z
b a s e d
f r e q u e n c y
c o n t r o l
c o m p o n e n t s
Order Hotline +44 1293 524245
www.aelcrystals.co.uk
sales@aelcrystals.co.uk
45
SP EC IF IC A TI O N
High Selectivity
Low Cost
Wide Range of bandwidths Available
Industry Standard Outline
Communications Equipment
F R E Q U E N C Y
C H A R A C T E R I S T I C S
Frequency Characteristics
Test Circuit
4
3
2
1
5
2.0
4.3
Pin Connections
1 = Input
2 = Ground
3 = Ground
4 = Ground
5 = Output
33-455D
11.3
7
2.9 2.9 2.6
To take the best advantage of the safety feature of ceramic filters, connect output to anIF amplifier through a DC cut capacitor.
Avoid directly applying DC to output end of ceramic filters (Between 5 & 2,3,4)
Part
Numb er
Centre
Freq (M Hz)
Insertion
Loss
(dB Max)
Pass Band
Ripple
(dB Max)
6 dB
Bandwidth
(kHz Min)
40 dB
Bandwidth
(kHz Min)
Stopband
Att. +/ -100kHz
(dB M in )
Input/Output
Impedence ( )
LTW33-455B
455 +/ -2.0
4
2
+/-15.0
+/ -30.0
35
1500
LTW33-455C
455 +/ -2.0
4
2
+/-12.5
+/ -24.0
35
1500
LTW33-455D
455 +/ -1.5
4
2
+/-10.0
+/ -20.0
35
1500
LTW33-455E
455 +/ -1.5
6
2
+/- 7.5
+/-15.0
35
1500
LTW33-455F
455 +/ -1.5
6
2
+/- 6.0
+/-12.5
35
2000
LTW33-455G
455 +/ -1.5
6
2
+/- 4.5
+/-10.0
35
2000
LTW33-455H
455 +/ -1.0
6
2
+/- 3.0
+/- 9.0
35
2000
LTW33-455I
455 +/ -1.0
6
2
+/- 2.0
+/- 7.5
35
2000
LTW33-455HT
455 +/ -1.0
6
2
+/- 3.0
+/- 9.0
60
2000
RF
V.M
C
R2
S.S.G
R1
LTW
1
5
2
Rg
Rg+R1+R2=input/Output Impedence
C=10pF (Including strays and input/output
capacitance of RF Voltmeter
4
3
400
410
420
430
440
450
460
470
480
490
500
0
1 0
2 0
3 0
4 0
5 0
6 0
Freq (kHz)
LTW33-455B
LTW33-455D
LTW33-455H
www.aelcrystals.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com