Electronic Components Datasheet Search
  English  ▼

X  

SXG Datasheet(PDF) 1 Page - AEL Crystals Ltd

Part # SXG
Description  Ceramic Encapsulated SMD Crystals
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

SXG Datasheet(HTML) 1 Page - AEL Crystals Ltd

  SXG Datasheet HTML 1Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
APPLICATIONS
STANDARD
SPECIFICATION
Ultra Low Height
Suitable for Reflow Soldering
+/-5PPM Available
50MHz Fundamental Mode
PCMCIA Applications
Datacommunications
Telecommunications
Automotive Electronics
Specify
AVAILABLE OPTIONS
Frequency Range:
o
Adjustment Tolerance at 25 C:
Frequency Stability:
Operating Temperature Range:
Load Capacity:
E.S.R:
Drive level:
Ageing:
9.8 MHz to 100MHz
±
30PPM Max.
±
50PPM
oo
-10 C to +60 C
30pF
See Table
100 MicroWatt
±
5PPM 1st Year Max.
Solder Conditions
Ceramic Encapsulated SMD Crystals
SXG Type
q u a r t z
b a s e d
f r e q u e n c y
c o n t r o l
c o m p o n e n t s
Order Hotline +44 1293 524245
www.aelcrystals.co.uk
sales@aelcrystals.co.uk
Hand Solder
Solder Dip
Reflow Soldering
PreHeat
Reflow
oo
280 C ~ 350 C 3 Secs
o
240 C 5 Secs Max
oo
140 C (±10 C) 100 Secs Max
o
Over 200 C 25 Secs Max
oo
230 C ±5 C 5 Secs Max
2.2
4.1
2.2
1.4
7.5 Max
4.5
1.0
SXG Type
9.8 MHz
10.0 MHz
16.0 MHz
28.0 MHz
84.0 MHz
80 W
60 W
40 W
60 W
80 W
9.99 MHz
15.99 MHz
50.00 MHz
84.00 MHz
100.00 MHz
~
~
~
~
~
Frequency Range
E.S.R
Mode
Fund
Fund
Fund
3 O/T
5 O/T
Frequency Stability vs Operating Temperature Range
Frequency Range:
Adjustment Tolerance
Load Capacity:
Shunt Capacity (C0):
Dynamic Capacity (C1):
Tape & Reel:
9.80 MHz to 90.0 MHz
±
5PPM ~ ±100PPM
Series or 9pF ~ 50pF
4.5pF ~ 7pF (Typ.)
18pF ~ 20fF (Typ.)
1,000pcs/Reel
Operat ing
Temper atu re
Range
+/ -5PPM
+/ -10PPM +/ -15PPM +/ -20PPM +/ -50PPM
0 to +50
-10 t o + 60
-30 t o + 80
-40 t o + 85
Temper atu re Stabi li ty
Suggested Solder Pad Layout
16
www.aelcrystals.co.uk


Similar Part No. - SXG

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
SXG RUBYCON-SXG Datasheet
208Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Pericom Semiconductor C...
SXGPON155 PERICOM-SXGPON155 Datasheet
532Kb / 2P
3.3V CMOS Low-Jitter 155.52 MHz GPON XO
logo
RUBYCON CORPORATION
SXG RUBYCON-SXG_15 Datasheet
148Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - SXG

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
CFPX-56 SEMTECH-CFPX-56 Datasheet
33Kb / 2P
CFPX-56 SMD Cylinder Crystals
logo
List of Unclassifed Man...
535-9009-ND ETC1-535-9009-ND Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
logo
Advanced Crystal Techno...
ACTHC49-USSMXE-A ACT-ACTHC49-USSMXE-A Datasheet
173Kb / 2P
SMD crystals
14/11/06
logo
AEL Crystals Ltd
CM309 AEL-CM309 Datasheet
168Kb / 1P
Metal Encapsulated SMD Crystals
SXH AEL-SXH Datasheet
151Kb / 1P
Ceramic Encapsulated SMD Crystals
SXK AEL-SXK Datasheet
138Kb / 1P
Ultra-Miniature Ceramic SMD Crystals
logo
Advanced Crystal Techno...
ACT200B-200C ACT-ACT200B-200C Datasheet
207Kb / 3P
miniature SMD Watch Crystals
31-5-2012
logo
List of Unclassifed Man...
7M-30.000MAAJ-T ETC-7M-30.000MAAJ-T Datasheet
1Mb / 1P
SMD SEAM SEALING CRYSTALS
logo
TEMEX
RGX3 TEMEX-RGX3 Datasheet
675Kb / 7P
SMD Communication Crystals
logo
TXC Corporation.
ACZ TXC-ACZ Datasheet
1,004Kb / 1P
kHZ crystals oscillator in SMD seam sealed ceramic package.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com