Electronic Components Datasheet Search
  English  ▼

X  

LTU455HT Datasheet(PDF) 1 Page - AEL Crystals Ltd

Part # LTU455HT
Description  Ceramic Filter 455kHz or 450kHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

LTU455HT Datasheet(HTML) 1 Page - AEL Crystals Ltd

  LTU455HT Datasheet HTML 1Page - AEL Crystals Ltd LTU455HT Datasheet HTML 2Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
APPLICATIONS
Specify
Ceramic Filter
LTU Series
455kHz or 450kHz
q u a r t z
b a s e d
f r e q u e n c y
c o n t r o l
c o m p o n e n t s
Order Hotline +44 1293 524245
www.aelcrystals.co.uk
sales@aelcrystals.co.uk
44
SP EC IF IC A TI O N
8
7
8.2
4
To take the best advantage of the safety feature of ceramic filters, connect output to anIF amplifier through a DC cut capacitor.
Avoid directly applying DC to output end of ceramic filters (Between 5 & 2,3,4)
2 1
3
2.7
4.3
Pin Connections
1 = Input
2 = Ground
3 = Output
High Selectivity
Low Cost
Wide Range of bandwidths Available
Industry Standard Outline & Pinout
Communications Equipment
F R E Q U E N C Y
C H A R A C T E R I S T I C S
Pa rt
Numb er
Centre
Freq (M Hz)
Insertion
Loss
(dB Max)
Pass Band
Ripple
(dB Max)
6 dB
Bandwidth
(kHz Min)
40 dB
Bandwidth
(kHz Min)
Stopband
Att. + / -100kHz
(d B M in )
Input/Output
Impedence ( )
LTU455B2
455 +/ -2.0
4
2
+/-15.0
+/ -30.0
27
1500
LTU455C2
455 +/ -2.0
4
2
+/-12.5
+/ -24.0
27
1500
LTU455D2
455 +/ -1.5
4
2
+/-10.0
+/ -20.0
27
1500
LTU455E2
455 +/ -1.5
6
2
+/- 7.5
+/-15.0
27
1500
LTU455F2
455 +/ -1.5
6
2
+/- 6.0
+/-12.5
27
2000
LTU455G2
455 +/ -1.5
6
2
+/- 4.5
+/-10.0
25
2000
LTU455H2
455 +/ -1.0
6
2
+/- 3.0
+/- 9.0
25
2000
LTU455I2
455 +/ -1.0
6
2
+/- 2.0
+/- 7.5
25
2000
LTU455HT
455 +/ -1.0
6
2
+/- 3.0
+/- 9.0
35
2000
RF
V.M
C
R2
S.S.G
R1
LTU
1
3
2
Rg
Rg+R1+R2=input/Output Impedence
C=10pF (Including strays and input/output
capacitance of RF Voltmeter
400
410
420
430
440
450
460
470
480
490
500
0
10
20
30
40
50
60
Freq (kHz)
LTU 455B2
LTU 455E2
LTU 455H2
Frequency Characteristics
Test Circuit
www.aelcrystals.co.uk


Similar Part No. - LTU455HT

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
LTU40N2LH5 VBSEMI-LTU40N2LH5 Datasheet
960Kb / 8P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - LTU455HT

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2590 NJRC-NJM2590 Datasheet
60Kb / 2P
455kHz INPUT FM IF DEMODULATOR IC
NJM2592 NJRC-NJM2592 Datasheet
69Kb / 3P
470MHz INPUT 455kHz FM IF DEMODULATOR
NJM2597 NJRC-NJM2597 Datasheet
248Kb / 16P
455kHz INPUT FM IF DEMODULATOR
NJM2591 NJRC-NJM2591 Datasheet
239Kb / 13P
100MHz INPUT 450kHz FM IF DEMODULATOR IC FOR VOICE
NJM2593 NJRC-NJM2593 Datasheet
266Kb / 16P
50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
logo
EUROQUARTZ limited
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
CERAMIC FILTER
logo
Token Electronics Indus...
LT455AP TOKEN-LT455AP Datasheet
341Kb / 3P
LTA 450kHz~470kHz Ceramic Filters
logo
New Japan Radio
NJM2590V-TE1 NJRC-NJM2590V-TE1 Datasheet
245Kb / 16P
455kHz INPUT FM IF DEMODULATOR
NJM2592V-TE1 NJRC-NJM2592V-TE1 Datasheet
297Kb / 16P
470MHz INPUT MIXER AND 455kHz FM IF DEMODULATOR IC
logo
Yuechung International ...
YIC-CDBM-CDBC-SERIES YIC-YIC-CDBM-CDBC-SERIES Datasheet
259Kb / 1P
CDBM Series of Ceramic Discriminator for Communication 455KHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com