Electronic Components Datasheet Search
  English  ▼

X  

ZTA Datasheet(PDF) 1 Page - AEL Crystals Ltd

Part # ZTA
Description  Ceramic Resonators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

ZTA Datasheet(HTML) 1 Page - AEL Crystals Ltd

  ZTA Datasheet HTML 1Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part
Number
ZTA
.
MG
ZTA
.
MG
ZTA
.
MG
ZTA
.
MG
ZTA
.
MT
ZTA
.
MX
FrequencyRange
2.00 ~ 2.99
3.00 ~ 3.49
3.50 ~ 4.99
5.00 ~ 6.99
7.00 ~ 13.00
13.01~ 25.00
FrequencyAccuracy
At 25
oC
+/-0.5
+/-0.5
+/-0.5
+/-0.5
+/-0.5
+/-0.5
Temp. Stability
-20
oC to +80oC
+/-0.3
+/-0.3
+/-0.3
+/-0.3
+/-0.3
+/-0.3
Ageing
(Over 10 years)
+/-0.3
+/-0.3
+/-0.3
+/-0.3
+/-0.3
+/-0.3
ESR
(Ohms Max)
80
50
30
30
25
55
Max. Voltage
100V DC
100V DC
100V DC
100V DC
100V DC
100V DC
Insulation
Resistance (Ohms)
5 x 10
-8 Ohms
(+10V DC)
5 x 10
-8 Ohms
(+10V DC)
5 x 10
-8 Ohms
(+10V DC)
5 x 10
-8 Ohms
(+10V DC)
5 x 10
-8 Ohms
(+10V DC)
5 x 10
-8 Ohms
(+10V DC)
FEATURES
APPLICATIONS
STANDARD
SPECIFICATION
TEST CIRCUITS
Low Cost
Ex-Stock Availability
Industry Standard Dimensions
Good Stability
Microprocessor Systems
Datacommunications
Consumer Electronics
Automotive Electronics
Specify
Frequency Range
E.S.R
ZTA Series
Without Built-In Capacitor
q u a r t z
b a s e d
f r e q u e n c y
c o n t r o l
c o m p o n e n t s
Order Hotline +44 1293 524245
www.aelcrystals.co.uk
sales@aelcrystals.co.uk
10.0
6.5 Max
5.1
5.0
0.2
ZTA
2.0 MG
5 0.3
2.0 ~ 4.91 MHz
2.0 ~ 4.91 MHz
10.0
10.0 Max
5.1
5.0
0.2
ZTA
8.0MT
5 0.3
5.00 ~ 25.0 MHz
C1
C2
RF
V
DD
To Frequency
Counter
ZTA
1/6 CD 4069UBEX2
VDD : +5V
RF
: 1 MOhm
C1C2 : 30pF
VDD : +5V
RF
: 1 MOhm
C1C2 : 30pF
5.0 ~ 25.0 MHz
C1
C2
RF
V
DD
To Frequency
Counter
ZTA
1/6 TC 74HCUO4P x 2 (ZTA - - - MX)
1/6 CD 4069UBE
x 2 (ZTA - - - MT)
37
www.aelcrystals.co.uk


Similar Part No. - ZTA

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
ZTA AURIS-ZTA Datasheet
147Kb / 1P
Resonator THT, 2 Pin
logo
ECM Electronics Limited...
ZTA ECM-ZTA Datasheet
99Kb / 1P
Electronics Ceramic Resonator
logo
List of Unclassifed Man...
ZTA ETC2-ZTA Datasheet
162Kb / 1P
CERAMIC RESONATOR
ZTA ETC2-ZTA Datasheet
61Kb / 1P
2.000MHz to 25.000MHz
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
CERAMIC RESONATORS
More results

Similar Description - ZTA

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
POI RALTRON-POI Datasheet
91Kb / 1P
CERAMIC RESONATORS
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
CERAMIC RESONATORS
ZTB190D EUROQUARTZ-ZTB190D Datasheet
43Kb / 1P
CERAMIC RESONATORS
ZTB450E EUROQUARTZ-ZTB450E Datasheet
43Kb / 1P
CERAMIC RESONATORS
ZTB456F EUROQUARTZ-ZTB456F Datasheet
29Kb / 1P
CERAMIC RESONATORS
ZTT2MG EUROQUARTZ-ZTT2MG Datasheet
60Kb / 1P
CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTT AEL-ZTT Datasheet
144Kb / 1P
Ceramic Resonators
logo
TDK Electronics
CCR20.0MUC8T TDK-CCR20.0MUC8T Datasheet
112Kb / 7P
Ceramic Resonators
FCR3.45MC5 TDK-FCR3.45MC5 Datasheet
65Kb / 3P
Ceramic Resonators
logo
Raltron Electronics Cor...
POC RALTRON-POC Datasheet
34Kb / 1P
CERAMIC RESONATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com