Electronic Components Datasheet Search
  English  ▼

X  

EFOS3584B3 Datasheet(PDF) 1 Page - AEL Crystals Ltd

Part # EFOS3584B3
Description  Chip Ceramic Resonators General Purpose
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

EFOS3584B3 Datasheet(HTML) 1 Page - AEL Crystals Ltd

  EFOS3584B3 Datasheet HTML 1Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
APPLICATIONS
STANDARD
SPECIFICATION
TEST CIRCUITS
Ceramic Encapsulation
High Reliability
Designed for Reflow Soldering
Low Profile 1.8mm
Clock Generator
Datacommunications
Telecommunication
Automotive Electronics
Specify
Frequency Range
E.S.R
Chip Ceramic Resonators
General Purpose
q u a r t z
b a s e d
f r e q u e n c y
c o n t r o l
c o m p o n e n t s
Order Hotline +44 1293 524245
www.aelcrystals.co.uk
sales@aelcrystals.co.uk
M
7.3
7.8
2.5
2.5
3.2
2.7
1.3
Type P
M
M
M
5.0
5.0
3.9
5.5
5.5
4.4
1.9
1.9
1.9
1.9
3.2
3.2
4.5
3.6
2.7
4.0
3.1
1.2
1.2
Type D
Type U
Type L
Type P ( 2.0 MHz ~ 13 MHz)
Type D (13.1 MHz ~ 20 MHz)
Type U (20.1 MHz ~ 30 MHz)
Type L (30.1 MHz ~ 50 MHz)
OPTIONS
Application Note
o
Reflow soldering shall be done at 220 C for less
than 10 seconds, and peak temperature of
o
240 C
Flow soldering and dip soldering method should
not be applied
ORDERING CODE
E
F
O
3
5
8
4
1
2
3
4
6
7
8
9
10
11
12
5
Product Code
EFO
Ceramic
Resonators
Chip Type
S
2 ~ 13 MHz
B 13.1 ~ 20 MHz
T 20.1 ~ 30 MHz
J 30.1 ~ 50 MHz
Nominal Freq
3584 3.58 MHz
1695 16.9 MHz
2505 25.0 MHz
4005 40.0 MHz
Package Type
B
Bulk Pack
E
Taped
Freq. Tol.
o +/-1.0%
3 +/-0.3%
5 +/-0.5%
Manufacturers
Design Code
EFOP3584B5
EFOP3585E5
3.58 MHz +/ -0.5%
EFOP4004B5
EFOP4004E5
4.00 MHz +/ -0.5%
EFOP8004B5
EFOP8004E5
8.00 MHz +/ -0.5%
EFOP1005B5
EFOP1005E5
10.00 MHz +/ -0.5%
EFOP1205B5
EFOP1205E5
12.00 MHz +/ -0.5%
EFOD1605B5
EFOD1605E5
16.00 MHz +/ -0.5%
EFOD1695B5
EFOD1695E5
16.93 MHz +/ -0.5%
EFOD2005B5
EFOD2005E5
20.00 MHz +/ -0.5%
EFOU2405B5
EFOU2405E5
24.00 MHz +/ -0.5%
EFOU2545B5
EFOU2545E5
25.40 MHz +/ -0.5%
EFOL3205B5
EFOL3205E5
32.00 MHz +/ -0.5%
EFOL3385B5
EFOL3385E5
33.868 MHz +/ -0.5%
EFOL4005B5
EFOL4005E5
40.00 MHz +/ -0.5%
Operating Temperature Range -20 to +80C
40
www.aelcrystals.co.uk


Similar Part No. - EFOS3584B3

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
EFOS3584B3 AEL-EFOS3584B3 Datasheet
166Kb / 1P
Chip Ceramic Resonators Built-In Capacitors
logo
Panasonic Semiconductor
EFOS3584B3B PANASONIC-EFOS3584B3B Datasheet
256Kb / 5P
Ceramic Res o na tors, Chip Type (3 Array Type) RoHS compliant
EFOS3584B3BM PANASONIC-EFOS3584B3BM Datasheet
256Kb / 5P
Ceramic Res o na tors, Chip Type (3 Array Type) RoHS compliant
EFOS3584B3JM PANASONIC-EFOS3584B3JM Datasheet
256Kb / 5P
Ceramic Res o na tors, Chip Type (3 Array Type) RoHS compliant
EFOS3584B3S PANASONIC-EFOS3584B3S Datasheet
256Kb / 5P
Ceramic Res o na tors, Chip Type (3 Array Type) RoHS compliant
More results

Similar Description - EFOS3584B3

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
POI RALTRON-POI Datasheet
91Kb / 1P
CERAMIC RESONATORS
logo
Kyocera Kinseki Corpota...
PBRC-G KSS-PBRC-G Datasheet
110Kb / 2P
MHz Band Ceramic Chip Resonators (SMD)
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
CERAMIC RESONATORS
ZTB190D EUROQUARTZ-ZTB190D Datasheet
43Kb / 1P
CERAMIC RESONATORS
ZTB450E EUROQUARTZ-ZTB450E Datasheet
43Kb / 1P
CERAMIC RESONATORS
ZTB456F EUROQUARTZ-ZTB456F Datasheet
29Kb / 1P
CERAMIC RESONATORS
ZTT2MG EUROQUARTZ-ZTT2MG Datasheet
60Kb / 1P
CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTT AEL-ZTT Datasheet
144Kb / 1P
Ceramic Resonators
logo
Panasonic Semiconductor
EFO-P3584E5 PANASONIC-EFO-P3584E5 Datasheet
246Kb / 4P
Ceramic Resonators, Chip Type
logo
Raltron Electronics Cor...
POC RALTRON-POC Datasheet
34Kb / 1P
CERAMIC RESONATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com