Electronic Components Datasheet Search
  English  ▼

X  

CY2291 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2291
Description  Three-PLL General Purpose EPROM Programmable Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2291 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2291 Datasheet HTML 1Page - Cypress Semiconductor CY2291 Datasheet HTML 2Page - Cypress Semiconductor CY2291 Datasheet HTML 3Page - Cypress Semiconductor CY2291 Datasheet HTML 4Page - Cypress Semiconductor CY2291 Datasheet HTML 5Page - Cypress Semiconductor CY2291 Datasheet HTML 6Page - Cypress Semiconductor CY2291 Datasheet HTML 7Page - Cypress Semiconductor CY2291 Datasheet HTML 8Page - Cypress Semiconductor CY2291 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY2291
Document #: 38-07189 Rev. *C
Page 2 of 12
Pinouts
Figure 1. CY2291- 20-pin SOIC
Pin Definitions
Name
Pin Number
Description
32XOUT
1
32.768-kHz crystal feedback.
32K
2
32.768-kHz output (always active if VBATT is present).
CLKC
3
Configurable clock output C.
VDD
4, 16
Voltage supply.
GND
5
Ground.
XTALIN[1]
6
Reference crystal input or external reference clock input.
XTALOUT[1, 2]
7
Reference crystal feedback.
XBUF
8
Buffered reference clock output.
CLKD
9
Configurable clock output D.
CPUCLK
10
CPU frequency clock output.
CLKB
11
Configurable clock output B.
CLKA
12
Configurable clock output A.
CLKF
13
Configurable clock output F.
S0
14
CPU clock select input, bit 0.
S1
15
CPU clock select input, bit 1.
S2/SUSPEND
17
CPU clock select input, bit 2. Optionally enables suspend feature when LOW.[3]
SHUTDOWN/OE
18
Places outputs in three-state[4] condition and shuts down chip when LOW. Optionally, only
places outputs in three-state[4] condition and does not shut down chip when LOW.
VBATT
19
Battery supply for 32.768-kHz circuit.
32XIN
20
32.768-kHz crystal input.
CLKB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
32XOUT
32K
CLKC
VDD
GND
XTALIN
XTALOUT
XBUF
32XIN
VBATT
SHUTDOWN/OE
S2/SUSPEND
VDD
S1
S0
CLKF
15
16
17
18
19
20
CLKD
CPUCLK
CLKA
Notes
1. For best accuracy, use a parallel-resonant crystal, CLOAD ≈ 17 pF or 18 pF.
2. Float XTALOUT pin if XTALIN is driven by reference clock (as opposed to crystal).
3. Please refer to application note “Understanding the CY2291, CY2292 and CY2295” for more information.
4. The CY2291 has weak pull downs on all outputs (except 32K). Hence, when a three-state condition is forced on the outputs, the output pins are pulled LOW.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com