Electronic Components Datasheet Search
  English  ▼

X  

B148 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # B148
Description  Time and hours meters electromechanic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

B148 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  B148 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG B148 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Time and hours meters electromechanic
www.baumerivo.com
2
B 148
Part number
B 148.0
X
C
Voltage
5 24 VAC
8 110 VAC
9 220...240 VAC
Frequency
C 50 Hz
D 60 Hz
Model / front dimensions
01 Built-in mounting 45 x 45 mm, screw terminals
48 x 48 mm
02 Built-in mounting ø50 mm, screw terminals
55 x 55 mm
07 Surface mount, snap-on base for DIN rail
EN 50022
Hour counters with DIN dimensions
Display 7-digits, VAC trigger
Dimensions
Built-in counter
For surface mount, snap-in base with terminal cover
max. 10 mm
50
45
7
33
23.5
43
37
For surface mount, snap-in base w/o terminal cover
For surface mount, snap-in base (EN 50022)
37
43
30
60



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com