Electronic Components Datasheet Search
  English  ▼

X  

CY3672-USB Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY3672-USB
Description  Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3672-USB Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY3672-USB Datasheet HTML 3Page - Cypress Semiconductor CY3672-USB Datasheet HTML 4Page - Cypress Semiconductor CY3672-USB Datasheet HTML 5Page - Cypress Semiconductor CY3672-USB Datasheet HTML 6Page - Cypress Semiconductor CY3672-USB Datasheet HTML 7Page - Cypress Semiconductor CY3672-USB Datasheet HTML 8Page - Cypress Semiconductor CY3672-USB Datasheet HTML 9Page - Cypress Semiconductor CY3672-USB Datasheet HTML 10Page - Cypress Semiconductor CY3672-USB Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CY25100
Document #: 38-07499 Rev. *F
Page 7 of 13
Switching Waveforms
CLKOUT
VDD
TOE1
VIL
VIH
OUTPUT
ENABLE
0V
(Asynchronous)
High Impedance
TOE2
Figure 6. Output Enable/Disable Timing
Informational Graphs [6]
Spread Spectrum Profile: Fnom=166MHz,
Fmod=30kHz, Spread%= -4%
172.5
171.5
170.5
169.5
168.5
167.5
166.5
165.5
164.5
163.5
162.5
161.5
160.5
159.5
Fnominal
0
20
40
60
80
100
120
140
160
180
200
Time (us)
Spread Spectrum Profile: Fnom=166MHz,
Fmod=30kHz, Spread%= +/-1%
0
20
40
60
80
100
120
140
160
180
200
Time (us)
Fnominal
169.5
169
168.5
168
167.5
167
166.5
166
165.5
165
164.5
164
163.5
163
162.5
Spread Spectrum Profile: Fnom=66MHz,
Fmod=30kHz, Spread%= -4%
0
20
40
60
80
100
120
140
160
180
200
Time (us)
Fnominal
68.5
68
67.5
67
66.5
66
65.5
65
64.5
64
63.5
Spread Spectrum Profile: Fnom=66MHz,
Fmod=30kHz, Spread%= +/-1%
0
20
40
60
80
100
120
140
160
180
200
Time (us)
Fnominal
67.5
67
66.5
66
65.5
65
64.5
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com