Electronic Components Datasheet Search
  English  ▼

X  

F504 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # F504
Description  Totalizers electromechanic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

F504 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  F504 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG F504 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG F504 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG F504 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Totalizers electromechanic
3
www.baumerivo.com
www.baumerivo.com
F 504, F 514, F 518, F 524
Impulse counters, front panel mount
Display 6- or 8-digits, with/without reset button
Part number
F 504.
Display
B 6-digits 999 999
C 8-digits 99 999 999
Voltage
3 24 VDC
5 24 VAC
8 110 VAC
9 230 VAC
Reset / E-connection
640DA With reset key / standard connection
650DA With reset button / standard connection
800FA Without reset / standard connection
659DB With reset button / “H”-type connection
809FB Without reset / “H”-type connection
F 514.
B
Display
B 6-digits 999 999
Voltage / connection
A3 24 VDC / Standard connection
A5 24 VAC / Standard connection
A8 110 VAC / Standard connection
A9 230 VAC / Standard connection
B3 24 VDC / “H”-type connection
B5 24 VAC / “H”-type connection
B8 110 VAC / “H”-type connection
B9 230 VAC / “H”-type connection
Reset
600B
Without reset button
640A
With detachable key
650A
With reset button
F 518.
Display
B 6-digits 999 999
C 8-digits 99 999 999
Voltage / connection
A3 24 VDC / Standard connection
A5 24 VAC / Standard connection
A8 110 VAC / Standard connection
A9 230 VAC / Standard connection
B3 24 VDC / “H”-type connection
B5 24 VAC / “H”-type connection
B8 110 VAC / “H”-type connection
B9 230 VAC / “H”-type connection
Reset
600B
Without reset button, 6-digits
640A
With detachable key, 6-digits
650A
With reset button, 6-digits
800C
Without reset button, 8-digits
F 524.
Display
B 6-digits 999 999
C 8-digits 99 999 999
Voltage / connection
A3 24 VDC / Standard connection
A5 24 VAC / Standard connection
A8 110 VAC / Standard connection
A9 230 VAC / Standard connection
B3 24 VDC / “H”-type connection
B5 24 VAC / “H”-type connection
B8 110 VAC / “H”-type connection
B9 230 VAC / “H”-type connection
Reset
640D
With detachable key, 6-digits
650D
With reset button, 6-digits
600E
Without reset button, 6-digits
800F
Without reset button, 8-digits
Socket box
Front panel with screw mount
Front panel with screw mount
Front panel with spring clips mount



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com