Electronic Components Datasheet Search
  English  ▼

X  

FE504 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # FE504
Description  Preset counters electromechanic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

FE504 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  FE504 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG FE504 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG FE504 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG FE504 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Preset counters electromechanic
1
www.baumerivo.com
www.baumerivo.com
FE504 - Socket box
Features
Preset counter with one preset
–
Adding
–
Display 6-digits
–
With reset button
–
Technical data - electrical ratings
Voltage supply
24/110 VAC ±10 % (50/60 Hz)
230 VAC +6/-10 % (50/60 Hz)
24 VDC ±10 %
Ripple residue
<48 %
Nominal frequency
50 / 60 Hz
Pulse ratio
1:1
Service life
VDC - 100 million impulses
VAC - 50 million impulses
Preset
1 preset
Output contact
Change-over contact by micro-
switch, one-pole
Switching capacity
100 VA / 30 W
Limit switch service life
1 million switching cycles
Spark extinguisher
Recommended for inductive
load
Standard
DIN EN 61010-1
Protection class II
Overvoltage category II
Pollution degree 2
Emitted interference
DIN EN 61000-6-4
Interference immunity
DIN EN 61000-6-2
Approvals
CE conform, UL/cUL
FE504, FE514, FE524
1 preset, adding
Display 6-digits, manual reset button
FE514 - Front panel with screw mount
FE524 - Front panel with spring clip


Similar Part No. - FE504

ManufacturerPart #DatasheetDescription
logo
Weller Tools
FE50 WELLER-FE50 Datasheet
572Kb / 5P
Fine Duty Irons, 15 Watts
FE50M WELLER-FE50M Datasheet
95Kb / 1P
Soldering Tips and Nozzles
FE50M WELLER-FE50M Datasheet
572Kb / 5P
Fine Duty Irons, 15 Watts
FE50M WELLER-FE50M Datasheet
68Kb / 1P
Temperature control switch
FE50MUK WELLER-FE50MUK Datasheet
68Kb / 1P
Temperature control switch
More results

Similar Description - FE504

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
FS218 IVO-FS218 Datasheet
471Kb / 4P
Preset counters electromechanic
FS304 IVO-FS304 Datasheet
507Kb / 4P
Preset counters electromechanic
FS309 IVO-FS309 Datasheet
515Kb / 4P
Preset counters electromechanic
ME280PTB IVO-ME280PTB Datasheet
313Kb / 2P
Preset counters mechanic
ME282PTB IVO-ME282PTB Datasheet
312Kb / 2P
Preset counters mechanic
NE134 IVO-NE134 Datasheet
428Kb / 2P
Preset counters electronic
NE210 IVO-NE210 Datasheet
409Kb / 2P
Preset counters electronic
NE212 IVO-NE212 Datasheet
565Kb / 4P
Preset counters electronic
NE214 IVO-NE214 Datasheet
458Kb / 2P
Preset counters electronic
NE218 IVO-NE218 Datasheet
451Kb / 2P
Preset counters electronic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com