Electronic Components Datasheet Search
  English  ▼

X  

G305 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # G305
Description  Special Encoders & Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

G305 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  G305 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG G305 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Special Encoders & Sensors
www.baumerivo.com
2
G 305
Part number
G 305.
See part number (pulses)
Voltage supply / signals
1 10...30 VDC / 1 track
connector output
4 10...30 VDC / 1 track cable
gland
A 10...30 VDC / 2 tracks
connector output
D 10...30 VDC / 2 tracks cable
gland
E- connection / impulse track
0 Housing connector / 1 track
1 Housing connector / 2 tracks
M Cable gland / 2 m cable / 1 track
T Cable gland / 2 m cable / 2 tracks
Shaft
10 Single protruding
20 Dual protruding
Pulse tracks
0 1 track
2 2 tracks
Incremental encoder, surface mount housing
Resolution 1...120 pulses
Connector
Cable colour Assignment
Pin 1
brown
UB
Pin 2
blue
GND
Pin 3
black
Track A
Pin 4
beige
Track B (2 pulse tracks)
(n.c. 1 pulse track)
1
2
3
4
5
Terminal assignment
Dimensions
70
62
ø3.5
20
36
2.2
20
12
Accessories
Connectors and cables (page %S)
Z 127.001
Mating connector M18, 5-pin, less cable
Z 127.002
Mating connector M18, 5-pin, 2 m cable
Z 127.004
Mating connector M18, 5-pin, 5 m cable
Z 127.006
Mating connector M18, 5-pin, 10 m cable
Part number (pulses)
1 impulse track
2 impulse tracks
08 (5)
10 (40)
13 (80)
A1 (5)
A3 (50)
11 (10)
03 (50)
20 (90)
A7 (25)
A4 (60)
01 (20)
04 (60)
06 (100)
A8 (30)
B1 (64)
12 (25)
18 (64)
07 (120)
A9 (40)
02 (30)
More impulse numbers upon request.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com