Electronic Components Datasheet Search
  English  ▼

X  

74HC02 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC02
Description  Quad 2-input NOR gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC02 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC02 Datasheet HTML 2Page - NXP Semiconductors 74HC02 Datasheet HTML 3Page - NXP Semiconductors 74HC02 Datasheet HTML 4Page - NXP Semiconductors 74HC02 Datasheet HTML 5Page - NXP Semiconductors 74HC02 Datasheet HTML 6Page - NXP Semiconductors 74HC02 Datasheet HTML 7Page - NXP Semiconductors 74HC02 Datasheet HTML 8Page - NXP Semiconductors 74HC02 Datasheet HTML 9Page - NXP Semiconductors 74HC02 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74HC_HCT02_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 September 2008
6 of 15
NXP Semiconductors
74HC02; 74HCT02
Quad 2-input NOR gate
[1]
tpd is the same as tPHL and tPLH.
[2]
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi × N+ ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑ (C
L × VCC
2
× f
o) = sum of outputs.
11. Waveforms
74HCT02
tpd
propagation delay
nA, nB to nY; see Figure 6
[1]
VCC = 4.5 V
-
11
19
24
29
ns
VCC = 5.0 V; CL =15pF
-
9
-
-
-
ns
tt
transition time
VCC = 4.5 V; see Figure 6
[2]
-
7
15
19
22
ns
CPD
power dissipation
capacitance
per package;
VI = GND to VCC − 1.5 V
[3]
-24-
-
-
pF
Table 7.
Dynamic characteristics
GND=0V; CL =50pF; for load circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C Unit
Min
Typ
Max
Max
(85
°C)
Max
(125
°C)
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Input to output propagation delays
001aai814
nA, nB input
VI
GND
VOH
VOL
nY output
tTHL
tTLH
VM
VM
VX
VY
tPHL
tPLH
Table 8.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74HC02
0.5VCC
0.5VCC
0.1VCC
0.9VCC
74HCT02
1.3 V
1.3 V
0.1VCC
0.9VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com