Electronic Components Datasheet Search
  English  ▼

X  

GCI0K Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GCI0K
Description  Special Encoders & Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GCI0K Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GCI0K Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GCI0K Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GCI0K Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GCI0K Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG GCI0K Datasheet HTML 5Page - Baumer IVO GmbH & Co. KG GCI0K Datasheet HTML 6Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.baumerivo.com
2
GCI0K
Technical data
Sensor
GCI0K.0101200
GCI0K.0201200
GCI0K.0221200
GCI0K.0501200
2 channels
2 channels
2 channels
2 channels
Push-pull
RS422
RS422
Push-pull
Supply voltage range
8...30 VDC
5 VDC ±5 %
5 VDC ±5 %
8...28 VDC
Consumption max.
35 mA
55 mA
55 mA
30 mA
Circuit current max.
30 mA
RS422 specific
RS422 specific
50 mA
Output frequency max.
60 kHz
60 kHz
60 kHz
3.2 MHz
Voltage drop
<4 VDC (I
OUT=20 mA)
RS422 specific
RS422 specific
<4 VDC (I
OUT=20 mA)
Output levels
Push-pull
TTL (RS422)
TTL (RS422)
Push-pull
Output signal, 90° shift
A/B
A/B +inv.
A/B +inv.
A/B
Short-circuit protected
Yes
Yes
Yes
Yes
Reverse polarity protected
Yes
No
No
Yes
Interpolation
8 times
8 times
2 times
0 times
Operating gap max.
0.8 mm
0.8 mm
0.8 mm
0.6 mm
Temperature range
-25...+85 °C
-25...+85 °C
-25...+85 °C
-25...+85 °C
Materials
Housing: PC
Housing: PC
Housing: PC
Housing: PC
Protection
IP 67
IP 67
IP 67
IP 67
Accuracy
±0.5°
±0.5°
±0.5°
±0.5°
Connection cable PUR
4 x 0.25 mm2, 2 m
6 x 0.4 mm2, 2 m
6 x 0.4 mm2, 2 m
4 x 0.25 mm2, 2 m
Resolution: Interpolation factor x pole number of magnetic ring
Other options upon request!
Special Encoders & Sensors
Magentic field sensor with poles wheel
Rotary applications
Ordering part number
2 channel models
GCI0K.0101200 Push-pull, 8 times interpolation, cable 2 m
GCI0K.0201200 RS422, 8 times interpolation, cable 2 m
GCI0K.0221200 RS422, 2 times interpolation, cable 2 m
GCI0K.0501200 Push-pull, 0 times interpolation,
cable 2 m
Other options upon request!
3 channels models
GCI0K.0211200 RS422, 0 times interpolation, cable 2 m
GCI0K.0311200 Push-pull, 6 times interpolation,
cable 2 m
GCI0K.0411200 RS422, 6 times interpolation, cable 2 m
Other options upon request!



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com