Electronic Components Datasheet Search
  English  ▼

X  

BAS32L Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAS32L
Description  High-speed switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS32L Datasheet(HTML) 2 Page - NXP Semiconductors

  BAS32L_08 Datasheet HTML 1Page - NXP Semiconductors BAS32L_08 Datasheet HTML 2Page - NXP Semiconductors BAS32L_08 Datasheet HTML 3Page - NXP Semiconductors BAS32L_08 Datasheet HTML 4Page - NXP Semiconductors BAS32L_08 Datasheet HTML 5Page - NXP Semiconductors BAS32L_08 Datasheet HTML 6Page - NXP Semiconductors BAS32L_08 Datasheet HTML 7Page - NXP Semiconductors BAS32L_08 Datasheet HTML 8Page - NXP Semiconductors BAS32L_08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BAS32L_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 29 October 2008
2 of 10
NXP Semiconductors
BAS32L
High-speed switching diode
2.
Pinning information
[1]
The marking band indicates the cathode.
3.
Ordering information
4.
Marking
[1]
black: made in Philippines
brown: made in China
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
ka
006aab040
2
1
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BAS32L
-
hermetically sealed glass surface-mounted package;
2 connectors
SOD80C
Table 4.
Marking codes
Type number
Marking code[1]
BAS32L
marking band
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-
100
V
VR
reverse voltage
-
75
V
IF
forward current
[1] -
200
mA
IFRM
repetitive peak forward
current
-
450
mA
IFSM
non-repetitive peak forward
current
square wave
[2]
tp =1 µs-
4
A
tp =1ms
-
1
A
tp = 1 s
-
0.5
A
Ptot
total power dissipation
Tamb =25 °C
[1] -
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com