Electronic Components Datasheet Search
  English  ▼

X  

GE355 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GE355
Description  Incremental encoders
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GE355 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GE355 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GE355 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GE355 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GE355 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Incremental encoders
www.baumerivo.com
2
GE355
Part number
GE355. A
See part number (pulses)
E-connection
31 Cable 1 m, axial
41 Cable 1 m, radial
Voltage supply / signals
22 5 VDC / linedriver RS422
70 4.75...30 VDC / push-pull
72 4.75...30 VDC / linedriver
RS422 (5 VDC)
Flange / Shaft
A Clamping flange / ø10 mm IP 67
Part number (pulses)
49 (5)
57 (128)
22 (1000)
30 (2500)
36 (10)
06 (200)
23 (1024)
31 (3600)
50 (25)
09 (250)
24 (1250)
34 (4096)
39 (50)
13 (360)
26 (1500)
35 (5000)
40 (60)
14 (400)
28 (2000)
48 (6000)
41 (100)
15 (500)
29 (2048)
Stainless steel housing, shaft with clamping flange
Resolution 5...6000 pulses
Other pulse numbers upon request.
Example: ordering key 23 = 1024 pulses



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com