Electronic Components Datasheet Search
  English  ▼

X  

BLC573 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLC573
Description  HF / VHF power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLC573 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLC573 Datasheet HTML 6Page - NXP Semiconductors BLC573 Datasheet HTML 7Page - NXP Semiconductors BLC573 Datasheet HTML 8Page - NXP Semiconductors BLC573 Datasheet HTML 9Page - NXP Semiconductors BLC573 Datasheet HTML 10Page - NXP Semiconductors BLC573 Datasheet HTML 11Page - NXP Semiconductors BLC573 Datasheet HTML 12Page - NXP Semiconductors BLC573 Datasheet HTML 13Page - NXP Semiconductors BLC573 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
BLC573_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 11 December 2008
11 of 14
NXP Semiconductors
BLC573
HF / VHF power LDMOS transistor
9.
Package outline
Fig 11. Package outline SOT895A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT895A
SOT895A
06-02-21
06-04-03
DIMENSIONS (mm are the original dimensions)
Plastic flanged cavity package; 2 mounting slots; 2 leads
0
5
10 mm
scale
UNIT
A
mm
D
b
12.83
12.57
0.17
0.14
19.9
19.7
9.78
9.53
19.94
18.92
9.98
9.65
4.1
3.3
c
U2
0.6
w2
F
1.14
0.89
U1
34.16
33.91
L
5.3
4.5
p
3.38
3.12
EE1
9.53
9.27
inches
0.505
0.495
0.0065
0.0055
0.785
0.775
D1
20.42
20.12
0.804
0.792
0.385
0.375
0.785
0.745
0.392
0.380
0.161
0.130
0.023
0.25
w1
0.01
27.94
1.100
0.045
0.035
1.345
1.335
0.209
0.177
0.133
0.123
Q
1.75
1.50
0.069
0.059
q
0.375
0.365
H
A
D1
D
F
B
C
A
q
A
B
w1 M
M
M
C
w2 M
M
U1
L
p
U2
H
b
1
2
3
E
E1
Q
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com